Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LMV232TL/NOPB Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LMV232TL/NOPB
Description  LMV232 Dual-Channel Integrated Mean Square Power Detector for CDMA & WCDMA
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMV232TL/NOPB Datasheet(HTML) 3 Page - Texas Instruments

  LMV232TL/NOPB Datasheet HTML 1Page - Texas Instruments LMV232TL/NOPB Datasheet HTML 2Page - Texas Instruments LMV232TL/NOPB Datasheet HTML 3Page - Texas Instruments LMV232TL/NOPB Datasheet HTML 4Page - Texas Instruments LMV232TL/NOPB Datasheet HTML 5Page - Texas Instruments LMV232TL/NOPB Datasheet HTML 6Page - Texas Instruments LMV232TL/NOPB Datasheet HTML 7Page - Texas Instruments LMV232TL/NOPB Datasheet HTML 8Page - Texas Instruments LMV232TL/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
A1
RFIN1
B1
GND
C1
RFIN2
C3
SD
B3
VDD
A3
OUT
A2
FB
C2
BS
LMV232
www.ti.com
SNWS017C – DECEMBER 2004 – REVISED MARCH 2013
2.7 DC AND AC ELECTRICAL CHARACTERISTICS (continued)
Unless otherwise specified, all limits are specified to VDD = 2.7V; TJ = 25°C. Boldface limits apply at temperature extremes.
(1)
Symbol
Parameter
Condition
Min
Typ
Max
Units
No RF Input Power Present, Output
2.0
6.0
tON
Turn-on-Time (4)
μs
Loaded with 10 pF
tR
Rise Time (5)
Step from No Power to 0 dBm
4.5
μs
Applied, Output Loaded with 10 pF
RF Input = 1800 MHz, -10 dBm,
en
Output Referred Voltage Noise
400
nV/
Measured at 10 kHz
GBW
Gain Bandwidth Product
3.7
MHz
1.8
SR
Slew Rate
3.0
V/
μs
1.0
RIN
DC Resistance
See (5)
50.8
Ω
-11
dBm
+13
PIN
RF Input Power Range(6)(7)
RF Input Frequency = 900 MHz
-24
dBV
0
900 MHz
21
1800 MHz
10
KDET
Detection Slope
μA/mW
1900 MHz
10
2000 MHz
10
Lower
−3 dB Point of Detection
fLOW
LF Input Corner Frequency
60
MHz
Slope
Upper
−3 dB Point of Detection
fHIGH
HF Input Corner Frequency
1.0
GHz
Slope
900 MHz
58
1800 MHz
62
AISO
Channel Isolation
dB
1900 MHz
58
2000 MHz
55
(4)
Turn-on time is measured by connecting a 10 k
Ω resistor to the RFIN/EN pin. Be aware that in the actual application on the front page,
the RC-time constant of resistor R2 and capacitor C adds an additional delay.
(5)
Typical values represent the most likely parametric norm.
(6)
Power in dBV = dBm + 13 when the impedance is 50
Ω.
(7)
Device is set in active mode with a 10 k
Ω resistor from VDD to RFIN/EN. RF signal is applied using a 50Ω RF signal generator AC
coupled to the RFIN/EN pin using a 100 pF coupling capacitor.
CONNECTION DIAGRAM
Figure 1. 8-Bump DSBGA - Top View
Copyright © 2004–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LMV232



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com