Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

DS26C31M Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS26C31M
Description  CMOS Quad TRI-STATE Differential Line Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS26C31M Datasheet(HTML) 1 Page - National Semiconductor (TI)

  DS26C31M Datasheet HTML 1Page - National Semiconductor (TI) DS26C31M Datasheet HTML 2Page - National Semiconductor (TI) DS26C31M Datasheet HTML 3Page - National Semiconductor (TI) DS26C31M Datasheet HTML 4Page - National Semiconductor (TI) DS26C31M Datasheet HTML 5Page - National Semiconductor (TI) DS26C31M Datasheet HTML 6Page - National Semiconductor (TI) DS26C31M Datasheet HTML 7Page - National Semiconductor (TI) DS26C31M Datasheet HTML 8Page - National Semiconductor (TI) DS26C31M Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
DS26C31T/DS26C31M
CMOS Quad TRI-STATE® Differential Line Driver
General Description
The DS26C31 is a quad differential line driver designed for
digital
data
transmission
over
balanced
lines.
The
DS26C31T meets all the requirements of EIA standard
RS-422 while retaining the low power characteristics of
CMOS. The DS26C31M is compatible with EIA standard
RS-422; however, one exception in test methodology is
taken (Note 8). This enables the construction of serial and
terminal interfaces while maintaining minimal power con-
sumption.
The DS26C31 accepts TTL or CMOS input levels and trans-
lates these to RS-422 output levels. This part uses special
output circuitry that enables the drivers to power down with-
out loading down the bus. This device has enable and dis-
able circuitry common to all four drivers. The DS26C31 is pin
compatible to the AM26LS31 and the DS26LS31.
All inputs are protected against damage due to electrostatic
discharge by diodes to V
CC and ground.
Features
n TTL input compatible
n Typical propagation delays: 6 ns
n Typical output skew: 0.5 ns
n Outputs will not load line when VCC = 0V
n DS26C31T meets the requirements of EIA standard
RS-422
n Operation from single 5V supply
n TRI-STATE outputs for connection to system buses
n Low quiescent current
n Available in surface mount
n Mil-Std-883C compliant
Connection Diagrams
Truth Table
ENABLE ENABLE
Input
Non-Inverting
Inverting
Output
Output
LH
X
Z
Z
All other
L
L
H
combinations of
H
H
L
enable inputs
L = Low logic state
X = Irrelevant
H = High logic state
Z = TRI-STATE (high impedance)
TRI-STATE® is a registered trademark of National Semiconductor Corporation.
FACT™ is a trademark of National Semiconductor Corporation.
Dual-In-Line Package
DS008574-1
Top View
Order Number DS26C31TM or DS26C31TN
See NS Package Number M16A or N16E
For Complete Military Product Specifications,
refer to the appropriate SMD or MDS.
Order Number DS26C31ME/883, DS26C31MJ/883
or DS26C31MW/883
See NS Package Number E20A, J16A or W16A
20-Lead Ceramic Leadless Chip Carrier (E)
DS008574-12
June 1998
© 1998 National Semiconductor Corporation
DS008574
www.national.com


Similar Part No. - DS26C31M

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS26C31M TI-DS26C31M Datasheet
1Mb / 19P
DS26C31T/DS26C31M CMOS Quad TRI-STATE짰 Differential Line Driver
DS26C31M TI2-DS26C31M Datasheet
722Kb / 24P
DS26C31x CMOS Quad Tri-State Differential Line Driver
REVISED JANUARY 2015
logo
National Semiconductor ...
DS26C31ME/883 NSC-DS26C31ME/883 Datasheet
350Kb / 15P
CMOS QUAD TRI-STATE DIFFERENTIAL LINE DRIVER
logo
Texas Instruments
DS26C31ME/883 TI2-DS26C31ME/883 Datasheet
765Kb / 18P
DS26C31MQML CMOS Quad TRI-STATE Differential Line Driver
REVISED APRIL 2013
DS26C31ME/883.A TI2-DS26C31ME/883.A Datasheet
765Kb / 18P
DS26C31MQML CMOS Quad TRI-STATE Differential Line Driver
REVISED APRIL 2013
More results

Similar Description - DS26C31M

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST26C31 STMICROELECTRONICS-ST26C31 Datasheet
57Kb / 10P
CMOS QUAD TRI-STATE DIFFERENTIAL LINE DRIVER
Dec-2002
ST26C32A STMICROELECTRONICS-ST26C32A Datasheet
173Kb / 15P
CMOS quad tri-state differential line receiver
02-May-2006
logo
National Semiconductor ...
MNDS26C31M-X NSC-MNDS26C31M-X Datasheet
350Kb / 15P
CMOS QUAD TRI-STATE DIFFERENTIAL LINE DRIVER
logo
Analog Devices
DS8924 AD-DS8924 Datasheet
181Kb / 3P
Quad TRI-STATE Differential Line Driver
logo
National Semiconductor ...
DS3587 NSC-DS3587 Datasheet
295Kb / 3P
QUAD TRI-STATE LINE DRIVER
logo
STMicroelectronics
ST26C31 STMICROELECTRONICS-ST26C31_06 Datasheet
180Kb / 15P
CMOS quad tri-state differential line driver
02-May-2006
logo
National Semiconductor ...
DS34C87T NSC-DS34C87T_02 Datasheet
246Kb / 8P
CMOS Qual TRI-STATE Differential Line Driver
logo
Texas Instruments
DS26C31MQML TI1-DS26C31MQML Datasheet
438Kb / 16P
DS26C31MQML CMOS Quad TRI-STATE Differential Line Driver
DS34C87TMX TI1-DS34C87TMX Datasheet
862Kb / 14P
DS34C87T CMOS Quad TRI-STATE Differential Line Driver
logo
ARTSCHIP ELECTRONICS CO...
DS34C87T ARTSCHIP-DS34C87T Datasheet
249Kb / 7P
CMOS Quad TRI-STATE Differential Line Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com