Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

CSFC64-110C Datasheet(PDF) 6 Page - Sumida Corporation

Part # CSFC64-110C
Description  It is a signal common mode choke coils, widely used in LAN & communication devices.
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CSFC64-110C Datasheet(HTML) 6 Page - Sumida Corporation

  CSFC64-110C Datasheet HTML 1Page - Sumida Corporation CSFC64-110C Datasheet HTML 2Page - Sumida Corporation CSFC64-110C Datasheet HTML 3Page - Sumida Corporation CSFC64-110C Datasheet HTML 4Page - Sumida Corporation CSFC64-110C Datasheet HTML 5Page - Sumida Corporation CSFC64-110C Datasheet HTML 6Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
www.sumida.com
6
Nov-2010
COMMON MODE CHOKE COILS
CSLF1205
Features
1CT:1CT turn ratio Quad CMC Coils.
Reduces radiated EMI emissions.
Suppress common mode noise for EMI reduction
Mechanical Dimension & Recommended General PCB Layout.
Unspecified Tolerance is 0.25/ [±0.01]
Unit: mm / [Inches]
Electrical Specifications @25
℃
℃
℃
℃--Operating Temperature 0 ℃
℃
℃
℃ to 70 ℃
℃
℃
℃
Schematic:
PARAMETERS
SPECIFICATION
MEASURING CONDITIONS
INDUCTANCE(ANY WINDING)
407uH±50%
100kHz, 0.1V
D.C.R.(ANY WINDING)
0.2Ω MAX.
TURNS RATIO(WINDING TO WINDING)
1:1±2%
100kHz, 0.1V
RATED CURRENT
500mA
HIPOT(WINDING TO WINDING)
500V DC
0.5mA,2Sec
Outline
It is a signal common mode choke coils, widely used in LAN & communication devices.
23.5 Max.
[0.925]
SUMIDA
Pin 1
1
8
9
16
C6209
Date code
12.70
[0.500]
[0.006]
0.15
17.78±0.25
[0.700±0.010]
1.
40
Re
f.
[0
.0
55
]
2.54±0.25
[0.100±0.010]
13.97 Max.
[0.550]
5.72 Max.
[0.225]
12.95
[0.510]
9.30
[0.366]
17.78
[0.700]
2.54
[0.100]
0.40
[0.016]
9
10
11
12
13
14
15
16
8
7
6
5
4
3
2
1



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com