Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LP3991TL-1.7/NOPB Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LP3991TL-1.7/NOPB
Description  300-mA LDO for Digital Applications
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3991TL-1.7/NOPB Datasheet(HTML) 5 Page - Texas Instruments

  LP3991TL-1.7/NOPB Datasheet HTML 1Page - Texas Instruments LP3991TL-1.7/NOPB Datasheet HTML 2Page - Texas Instruments LP3991TL-1.7/NOPB Datasheet HTML 3Page - Texas Instruments LP3991TL-1.7/NOPB Datasheet HTML 4Page - Texas Instruments LP3991TL-1.7/NOPB Datasheet HTML 5Page - Texas Instruments LP3991TL-1.7/NOPB Datasheet HTML 6Page - Texas Instruments LP3991TL-1.7/NOPB Datasheet HTML 7Page - Texas Instruments LP3991TL-1.7/NOPB Datasheet HTML 8Page - Texas Instruments LP3991TL-1.7/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
5
LP3991
www.ti.com
SNVS296J – DECEMBER 2006 – REVISED JUNE 2016
Product Folder Links: LP3991
Submit Documentation Feedback
Copyright © 2006–2016, Texas Instruments Incorporated
(1)
All limits are ensured. All electrical characteristics having room-temperature limits are tested during production at TJ = 25°C or correlated
using Statistical Quality Control methods. Operation over the temperature specification is ensured by correlating the electrical
characteristics to process and temperature variations and applying statistical process control.
(2)
All voltages are with respect to the potential at the GND pin.
(3)
VIN(MIN) = VOUT(NOM) + 0.5 V or 1.65 V, whichever is greater. (See Figure 19 in DSBGA Light Sensitivity.)
(4)
The device operates with input voltages up to 4 V. However special care must be taken in relation to thermal dissipation and the need to
derate the maximum allowable ambient temperature.
(5)
The maximum ambient temperature (TA-MAX) is a suggested value dependant on the maximum operating junction temperature (TJ-MAX-
OP) = 125°C); the maximum power dissipation of the device in the application (PD-MAX), and the junction-to-ambient thermal resistance of
the part / package in the application (RθJA), as given by the following equation: TA-MAX = TJ-MAX-OP – (RθJA × PD-MAX).
(6)
Dropout voltage is voltage difference between input and output at which the output voltage drops to 100 mV below its nominal value.
This parameter is only specified for output voltages above 1.8 V.
(7)
The device maintains the regulated output voltage without a load.
(8)
Short circuit current is measured with VOUT pulled to 0 V.
(9)
This electrical specification is ensured by design.
(10) EN pin has an internal 1.2-M
Ω (typical) resistor connected to GND.
6.5 Electrical Characteristics
Unless otherwise noted, VEN = 950 mV, VIN = VOUT + 0.5 V, or 1.8 V, whichever is higher, CIN = 1 µF, COUT = 4.7 µF, IOUT =
1 mA. Typical values and limits apply for TA = 25°C. Minimum and maximum limits apply over the full junction temperature
range for operation,
−40°C to +125°C, unless otherwise specified.
(1)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIN
Input voltage
See(2)
1.65
3.6
V
See(3)(4)(5)
4
ΔVOUT
Output voltage tolerance
VIN = VIN(NOM) to 3.6 V
ILOAD = 1 to 300 mA
TJ = 25°C
–1%
1%
–3%
3%
TJ = –25°C to 85°C
–2.5%
2.5%
Line regulation error
VIN = VOUT(NOM) 0.5 V to 3.6 V,
IOUT = 1 mA, 0.8 V ≤ VOUT ≤ 2.8 V
0.05
1
%/V
Load regulation error
IOUT = 1 mA to 300 mA
10
60
µV/mA
VDO
Dropout voltage(6)
1.8 V
≤ VOUT ≤ 2.5 V
IOUT = 150 mA
55
90
mV
IOUT = 300 mA
110
180
VOUT > 2.5 V
IOUT = 150 mA
40
80
IOUT = 300 mA
75
160
ILOAD
Minimum load current
See(7)
0
mA
IQ
Quiescent current
VEN = 950 mV, IOUT = 0 mA
50
100
µA
VEN = 950 mV, IOUT = 300 mA
120
225
VEN = 0.4 V
0.001
1
ISC
Short-circuit current limit
VIN = 3.6 V
(8)
550
900
mA
IOUT
Maximum output current
300
mA
PSRR
Power Supply Rejection Ratio(9)
ƒ = 1kHz, IOUT = 1 mA to 300 mA
65
dB
en
Output noise voltage(9)
BW = 10 Hz to 100 kHz,
VIN = 4.2 V, COUT = 4.7 µF
280
µVRMS
TSHUTDOWN Thermal shutdown
Temperature
160
°C
Hysteresis
20
ENABLE CONTROL CHARACTERISTICS
IEN
(10)
Maximum input current at VEN input
VEN = 0 V, VIN = 3.6 V
0.001
µA
VEN = VIN = 3.6 V
3
5.5
VIL
Low input threshold
VIN = 1.65 V to 3.6 V
0.4
V
VIH
High input threshold
VIN = 1.65 V to 3.6 V
0.95
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com