Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

HV6810 Datasheet(PDF) 2 Page - Supertex, Inc

Part # HV6810
Description  10-Channel, Serial-Input Latched Display Driver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV6810 Datasheet(HTML) 2 Page - Supertex, Inc

  HV6810_13 Datasheet HTML 1Page - Supertex, Inc HV6810_13 Datasheet HTML 2Page - Supertex, Inc HV6810_13 Datasheet HTML 3Page - Supertex, Inc HV6810_13 Datasheet HTML 4Page - Supertex, Inc HV6810_13 Datasheet HTML 5Page - Supertex, Inc HV6810_13 Datasheet HTML 6Page - Supertex, Inc HV6810_13 Datasheet HTML 7Page - Supertex, Inc HV6810_13 Datasheet HTML 8Page - Supertex, Inc HV6810_13 Datasheet HTML 9Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
HV6810
Supertex inc.
www.supertex.com
Doc.# DSFP-HV6810
E070913
Recommended Operating Conditions
Sym
Parameter
Min
Typ
Max
Units Conditions
V
DD
Supply voltage
4.5
-
5.5
V
---
V
BB
High supply voltage
20
-
80
V
---
V
SS
Supply voltage
-
0
-
V
---
V
IH
High-level input voltage (for V
DD = 5.0V)
3.5
-
5.3
V
---
V
IL
Low-level input voltage
-0.3
-
0.8
V
---
I
OH
Continuous high-level Q output current
25
-
-
mA
---
f
CLK
Clock frequency
-
-
5.0
MHz
---
T
A
Operating ambient temperature
-40
-
+85
°C
---
Absolute Maximum Ratings1
Parameter
Value
Logic supply voltage, V
DD
2
7.5V
Driver supply voltage, V
BB
2
90V
Output voltage2
90V
Input voltage2
-0.3V to V
DD+ 0.3V
Continuous total power dissipation at
25OC free-air temperature:3
20-Lead PLCC3
20-Lead SOW3
1500mW
1500mW
Operating temperature range
-45°C +85°C
Stresses beyond those listed under “Absolute Maximum Ratings” may cause
permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated
in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device
reliability. All voltages are referenced to GND.
Notes:
1.
Over operating free-air temperature
2.
All voltages are referenced to V
SS
3.
For operation above 25OC ambient derate linearly to 85OC at 15mW/OC
Pin Configuration
Product Marking
1
20
20
1
2
YY = Year Sealed
WW = Week Sealed
A = Assembler ID
L = Lot Number
C = Country of Origin*
= “Green” Packaging
* May be part of top marking
Top Marking
Bottom Marking
YYWW AAA
HV6810WG
LLLLLLLLLL
CCCCCCCCCCC
20-Lead PLCC
20-Lead SOW
YY = Year Sealed
WW = Week Sealed
L = Lot Number
A = Assembler ID
C = Country of Origin*
= “Green” Packaging
*May be part of top marking
Top Marking
Bottom Marking
YYWW AAA
HV6810PJ
LLLLLLLLLL
CCCCCCCCCCC
20-Lead SOW
(top view)
20-Lead PLCC
(top view)
Package may or may not include the following marks: Si or
Package may or may not include the following marks: Si or
Part Number
Package Options
Packing
HV6810PJ-G
20-Lead PLCC*
48/Tube
HV6810PJ-G M910
20-Lead PLCC*
1000/Reel
HV6810WG-G
20-Lead SOW
1000/Reel
Ordering Information
-G denotes a lead (Pb)-free / RoHS compliant package
*
Obsolescence notice issued for the product in the 20-Lead PLCC package.
Typical Thermal Resistance
Package
θ
ja
20-Lead PLCC
66OC/W
20-Lead SOW
66OC/W



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com