Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

BAV19WS Datasheet(PDF) 2 Page - Diode Semiconductor Korea

Part # BAV19WS
Description  Silicon Epitaxial Planar Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DSK [Diode Semiconductor Korea]
Direct Link  http://www.diode.kr/
Logo DSK - Diode Semiconductor Korea

BAV19WS Datasheet(HTML) 2 Page - Diode Semiconductor Korea

  BAV19WS Datasheet HTML 1Page - Diode Semiconductor Korea BAV19WS Datasheet HTML 2Page - Diode Semiconductor Korea BAV19WS Datasheet HTML 3Page - Diode Semiconductor Korea  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Silicon Epitaxial Planar Diode BAV19WS/BAV20WS/BAV21WS
ELECTRICAL CHARACTERISTICS @ Ta=25℃ unless otherwise specified
Characteristic
Symbol
Min
Max
Unit
Test Condition
Forward Voltage
VFM
-
1.0
1.25
V
IF=100mA
IF=200mA
Reverse Current BAV19WS
BAV20WS
BAV21WS
IR
-
0.1
0.1
0.1
μA
VR=100V
VR=150V
VR=200V
Capacitance between
terminals
CT
-
5
pF
VR=0,f=1.0MHz
Reverse Recovery Time
trr
-
50
ns
IF=IR=30mA,
Irr=0.1×IR,RL=100Ω
TYPICAL CHARACTERISTICS @ Ta=25℃ unless otherwise specified
www.diode.kr
Diode Semiconductor Korea



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com