| Electronic Components Datasheet Search |
|
DS89C430 Datasheet(PDF) 42 Page - Dallas Semiconductor |
|
|
|||||||||||||||||||||||||||||
DS89C430 Datasheet(HTML) 42 Page - Dallas Semiconductor |
|
42 / 48 page ![]() DS89C430/DS89C440/DS89C450 Ultra-High-Speed Flash Microcontrollers 42 of 48 Serial ports and timers track the oscillator cycles per machine cycle when the higher divide ratio of 1024 is selected, and require the switchback function to automatically return to the divide-by-1 mode for proper operation when a qualified event occurs. Table 14 summarizes the effect of clock mode on timer operation. It is possible to enable a receive function on a serial port when incoming data is not present and then change to the higher divide ratio. An inactive serial port receive/transmission mode requires the receive input pin to remain high and all outgoing transmissions to be completed. During this inactive receive mode it is possible to change the clock-divide control bits from a divide by 1 to a 1024 divide ratio. In the case when the serial port is being used to receive or transmit data, it is very important to validate an attempted change in the clock-divide control bits (read CD1 and CD0 to verify write was allowed) before proceeding with low-power program functions. Table 14. Effect of Clock Mode on Timer Operation (In Number of Oscillator Clocks) OSC CYCLES PER TIMERS 0, 1, 2 CLOCK OSC CYCLES PER TIMER 2 CLOCK TxMH,TxM = BAUD RATE GENERATION OSC CYCLES PER SERIAL PORT CLOCK MODE 0 OSC CYCLES PER SERIAL PORT CLOCK MODE 2 4X/ 2X, CD1, CD0 OSC CYCLES PER MACHINE CYCLE 00 01 1x T2MH,T2M = xx SM2 = 0 SM2 = 1 SMOD = 0 SMOD = 1 100 0.25 12 1 0.25 2 3 1 64 32 000 0.5 12 2 0.5 2 6 2 64 32 x01 1 (reserved) x10 1 (default) 12 4 1 2 12 4 64 32 x11 1024 12,288 4096 1024 2048 12,288 4096 65,536 32,768 x = Don’t care. Ring Oscillator When the system is in stop mode the crystal is disabled. When stop mode is removed, the crystal requires a period of time to start up and stabilize. To allow the system to begin immediate execution of software following the removal of the stop mode, the ring oscillator is used to supply a system clock until the crystal startup time is satisfied. Once this time has passed, the ring oscillator is switched off and the system clock is switched to the crystal oscillator. This function is programmable and is enabled by setting the RGSL bit (EXIF.1) to logic 1. When it is logic 0, the processor delays software execution until after the 65,536 crystal clock periods. To allow the processor to know whether it is being clocked by the ring or by the crystal oscillator, an additional bit—RGMD— indicates which clock source is being used. When the processor is running from the ring, the clock-divide control bits (CD1 and CD0 in the PMR register) are locked into the divide-by-1 mode (CD1:CD0 = 10b). The clock-divide control bits cannot be changed from this state until after the system clock transitions to the crystal oscillator (RGMD = 0). Note: The watchdog is connected to the crystal oscillator and continues to run at the external clock rate. The ring oscillator does not drive it. Idle Mode Idle mode suspends the processor by holding the program counter in a static state. No instructions are fetched and no processing occurs. Setting the IDLE bit (PCON.0) to logic 1 invokes idle mode. The instruction that executes this step is the last instruction prior to freezing the program counter. Once in idle mode, all resources are preserved, but all peripheral clocks remain active and the timers, watchdog, serial ports, and power monitor functions continue to operate, so that the processor can exit the idle mode using any interrupt sources that are enabled. The oscillator-detect circuit also continues to function when enabled. The IDLE bit is cleared automatically once the idle mode is exited. On returning from the interrupt vector using the RETI instruction, the next address is the one that immediately follows the instruction that invoked the idle mode. Any reset of the processor also removes the idle mode. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |