Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LP8501 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LP8501
Description  LP8501 Multi-Purpose 9-Output LED Driver
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP8501 Datasheet(HTML) 1 Page - Texas Instruments

  LP8501 Datasheet HTML 1Page - Texas Instruments LP8501 Datasheet HTML 2Page - Texas Instruments LP8501 Datasheet HTML 3Page - Texas Instruments LP8501 Datasheet HTML 4Page - Texas Instruments LP8501 Datasheet HTML 5Page - Texas Instruments LP8501 Datasheet HTML 6Page - Texas Instruments LP8501 Datasheet HTML 7Page - Texas Instruments LP8501 Datasheet HTML 8Page - Texas Instruments LP8501 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 51 page
background image
LP8501
D1
D2
D4
D7
VOUT
COUT
1 2F
C2
0.47 2F
VDD1_6
VDD7_9
GND
TRIG
INT
CIN
1 2F
VIN = 2.7V TO 5.5V
VDD
C1
0.47 2F
C1+ C1- C2+ C2-
GPO
B
G
R
D3
D8
B
G
R
B
G
R
D6
D5
D9
MCU
SCL
SDA
EN
CLK
VOUT
LP8501
www.ti.com
SNVS548D – SEPTEMBER 2008 – REVISED AUGUST 2013
LP8501 Multi-Purpose 9-Output LED Driver
Check for Samples: LP8501
1
FEATURES
DESCRIPTION
The LP8501 is an LED driver with 9 outputs,
2
Three Independent Program Execution
designed to produce versatile lighting effects for
Engines for User-defined Programs with Large
mobile devices. The device is equipped with an
SRAM Memory for Storing Lighting Programs
internal program memory, which allows operation
9 Programmable Source (High Side) Driver
without processor control. Internal program memory
Outputs with 25.5 mA Full-Scale Current, 8-bit
is used by three independent program execution
Current Setting Resolution and 12-Bit PWM
engines to produce user-defined lighting effects for
the outputs.
Control Resolution
Flexible Grouping Possibility for All 9 Outputs
A high-efficiency charge pump enables LED driving
Including GPO into Three Groups with Group
over full Li-Ion battery voltage range. The excellent
PWM and Fade-In/ Fade-Out Controls
efficiency over a wide operating range is achieved by
autonomously selecting the best charge pump gain
Built-in LED Test
based on LED forward voltage requirements. The
Adaptive Charge Pump with 1x and 1.5x Gain
LP8501 is able to automatically enter power-save
Provides up to 95% LED Drive Efficiency, with
mode when LED outputs are not active, thus lowering
Soft Start and Overcurrent/Short Circuit
idle current consumption down to 10 µA (typ.)
Protection
Automatic Power Save Mode; IVDD = 10 µA
(typ.)
Two Wire, I2C-Compatible, Control Interface
Small Application Circuit
Pin-configured LED Powering for LEDs 1 to 6
and for LEDs 7 to 9
Solution Area <18 mm2
APPLICATIONS
Fun Lights and Indicator Lights
LED Backlighting and Color Keypad Lighting
Programmable Current Source
Haptic Feedback Driver and GPIO Expander
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2008–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LP8501

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP8501 NSC-LP8501 Datasheet
120Kb / 2P
Multi-Purpose 9-Output LED Driver
logo
Texas Instruments
LP8501 TI1-LP8501 Datasheet
647Kb / 8P
PRODUCT BRIEF Multi-Purpose 9-Output LED Driver
LP8501 TI1-LP8501_14 Datasheet
647Kb / 8P
PRODUCT BRIEF Multi-Purpose 9-Output LED Driver
More results

Similar Description - LP8501

ManufacturerPart #DatasheetDescription
logo
System Logic Semiconduc...
SL70D0948 SLS-SL70D0948 Datasheet
149Kb / 17P
48 OUTPUT LED DRIVER / 9 BIT PWM CONTROLLER
logo
National Semiconductor ...
LP8501 NSC-LP8501 Datasheet
120Kb / 2P
Multi-Purpose 9-Output LED Driver
logo
Linear Technology
LTC3207 LINER-LTC3207 Datasheet
243Kb / 20P
600mA Universal Multi-Output LED/CAM Driver
logo
Texas Instruments
LP5523 TI1-LP5523 Datasheet
600Kb / 47P
Programmable 9-Output LED Driver
LP55231 TI-LP55231 Datasheet
785Kb / 53P
LP55231 Programmable 9-Output LED Driver
LP8501 TI1-LP8501_14 Datasheet
647Kb / 8P
PRODUCT BRIEF Multi-Purpose 9-Output LED Driver
logo
Linear Technology
LTC3207 LINER-LTC3207_15 Datasheet
249Kb / 20P
600mA Universal Multi-Output LED/CAM Driver
LTC3207-1 LINER-LTC3207-1_15 Datasheet
249Kb / 20P
600mA Universal Multi-Output LED/CAM Driver
logo
Texas Instruments
LP5523 TI1-LP5523_16 Datasheet
1Mb / 56P
LP5523 Programmable 9-Output LED Driver
LP55231 TI1-LP55231_16 Datasheet
1Mb / 57P
LP55231 Programmable 9-Output LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com