Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

DG300B Datasheet(PDF) 2 Page - Vishay Siliconix

Part # DG300B
Description  CMOS Analog Switches
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG300B Datasheet(HTML) 2 Page - Vishay Siliconix

  DG300B Datasheet HTML 1Page - Vishay Siliconix DG300B Datasheet HTML 2Page - Vishay Siliconix DG300B Datasheet HTML 3Page - Vishay Siliconix DG300B Datasheet HTML 4Page - Vishay Siliconix DG300B Datasheet HTML 5Page - Vishay Siliconix DG300B Datasheet HTML 6Page - Vishay Siliconix DG300B Datasheet HTML 7Page - Vishay Siliconix DG300B Datasheet HTML 8Page - Vishay Siliconix DG300B Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
DG301B
GND
V–
Plastic DIP
NC
V+
D1
D2
NC
NC
S1
S2
NC
NC
IN
NC
1
2
3
4
5
6
7
14
13
12
11
10
9
8
Top View
DG302B
NC
V+
S3
S4
D3
D4
D1
D2
S1
S2
IN1
IN2
GND
V–
Plastic DIP
1
2
3
4
5
6
7
14
13
12
11
10
9
8
Top View
DG303B
S4
D2
NC
Plastic DIP and SOIC
S3
IN1
D4
V–
D1
S1
GND
V+
IN2
D3
S2
1
2
3
4
5
6
7
14
13
12
11
10
9
8
Top View
DG300B/301B/302B/303B
Vishay Siliconix
www.vishay.com
2
Document Number: 71402
S-02968—Rev. A, 22-Jan-01
FUNCTIONAL BLOCK DIAGRAM AND PIN CONFIGURATION
TRUTH TABLE
Logic
SW1
SW2
0
OFF
ON
1
ON
OFF
Logic “0”
v 0.8 V
Logic “1”
w 4 V
Logic “1”
w 4 V
TRUTH TABLE
Logic
Switch
0
OFF
1
ON
Logic “0”
v 0.8 V
Logic “1”
w 4 V
TRUTH TABLE
Logic
SW1, SW2 SW3, SW4
0
OFF
ON
1
ON
OFF
Logic “0”
v 0.8 V
Logic “1”
w 4 V



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com