Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ESDA6V1W6 Datasheet(PDF) 2 Page - Bruckewell Technology LTD

Part # ESDA6V1W6
Description  Transil array for data protection
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BWTECH [Bruckewell Technology LTD]
Direct Link  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD

ESDA6V1W6 Datasheet(HTML) 2 Page - Bruckewell Technology LTD

  ESDA6V1W6 Datasheet HTML 1Page - Bruckewell Technology LTD ESDA6V1W6 Datasheet HTML 2Page - Bruckewell Technology LTD ESDA6V1W6 Datasheet HTML 3Page - Bruckewell Technology LTD ESDA6V1W6 Datasheet HTML 4Page - Bruckewell Technology LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ESDA6V1W6
Transil array for data protection
Publication Order Number: [ESDA6V1W6]
© Bruckewell Technology Corporation Rev. A -2016
Absolute Ratings (Tamb=25°C )
Symbol
Parameter
Value
Unit
Ppp
Peak Pulse Power (tp = 8/20μs)
150
W
TJ
Maximum lead temperature for soldering during 10s
260
°C
TSTG
Storage Temperature Range
-40 to +125
°C
TOP
Operating Temperature Range
-40 to +125
°C
Electrical Characteristics
Part Numbers
VBR
IT
VRWM
IR
VF
IF
C
Min.
Typ.
Max.
Max.
V
V
V
mA
V
μA
V
mA
Typ. 0v bias
ESDA6V1W5
6.1
6.7
7.2
1
5
1
1.25
200
35
1.Square pulse IPP=15A,tp=2.5μs 2.V=aT*(T-25°C)*V(25°C)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com