Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

BAV99 Datasheet(PDF) 3 Page - Bruckewell Technology LTD

Part # BAV99
Description  Small Signal Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BWTECH [Bruckewell Technology LTD]
Direct Link  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD

BAV99 Datasheet(HTML) 3 Page - Bruckewell Technology LTD

  BAV99 Datasheet HTML 1Page - Bruckewell Technology LTD BAV99 Datasheet HTML 2Page - Bruckewell Technology LTD BAV99 Datasheet HTML 3Page - Bruckewell Technology LTD BAV99 Datasheet HTML 4Page - Bruckewell Technology LTD  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
BAV99
Small Signal Diode
Publication Order Number: [BAV99]
© Bruckewell Technology Corporation Rev. A -2014
■Characteristics Curve
FIG.1-REVERSE VOLTAGE VS REVERSE
CURRENT BV -1.0 TO 100 uA
FIG.2-REVERSE CURRENT VS REVERSE
VOLTAGE IR-10 TO 100 V
FIG.3- FORWARD VOLTAGE VS FORWARD
CURRENT VF-1.0 TO 100 uA
FIG.4-FORWARD VOLTAGE VS FORWARD CURRENT
VF-0.1 TO 10 mA
FIG.5- FORWARD VOLTAGE VS FORWARD
CURRENT VF-10-800 mA
FIG.6-TOTAL CAPACITANCE VS REVERSE VOLTAGE



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com