Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

BAS21 Datasheet(PDF) 2 Page - Bruckewell Technology LTD

Part # BAS21
Description  Switching Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BWTECH [Bruckewell Technology LTD]
Direct Link  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD

BAS21 Datasheet(HTML) 2 Page - Bruckewell Technology LTD

  BAS21 Datasheet HTML 1Page - Bruckewell Technology LTD BAS21 Datasheet HTML 2Page - Bruckewell Technology LTD BAS21 Datasheet HTML 3Page - Bruckewell Technology LTD BAS21 Datasheet HTML 4Page - Bruckewell Technology LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
BAS21
Switching Diode
Publication Order Number: [BAS21]
© Bruckewell Technology Corporation Rev. A -2014
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Maximum Ratings (TA=25°C unless otherwise specified)
Symbol
Parameter
MIN
MAX
Unit
PD(Ta=25°C)
Power dissipation
225
mW
IF
Forward Current
200
ma
VR
Reverse Voltage VR
250
V
TJ/TSTG
Junction and Storage Temperature
-55 to +150
°C
V(BR)
Reverse Breakdown Voltage(IR=100uA)
250
--
V
IR
Reverse Leakage Current(VR=200V)
1
uA
VF
Forward Voltage(Test Condition)
IF=100mA
IF=200mA
1.0
1.25
V
CD
Diode Capacitance (VR=0V, f=1MHz)
8
pF
Trr
Reverse Recovery Time
50
nS



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com