Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MCP1632-BAE/MS Datasheet(PDF) 15 Page - Microchip Technology

Part # MCP1632-BAE/MS
Description  High-Speed, Low-Side PWM Controller
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1632-BAE/MS Datasheet(HTML) 15 Page - Microchip Technology

Back Button MCP1632-BAE/MS Datasheet HTML 11Page - Microchip Technology MCP1632-BAE/MS Datasheet HTML 12Page - Microchip Technology MCP1632-BAE/MS Datasheet HTML 13Page - Microchip Technology MCP1632-BAE/MS Datasheet HTML 14Page - Microchip Technology MCP1632-BAE/MS Datasheet HTML 15Page - Microchip Technology MCP1632-BAE/MS Datasheet HTML 16Page - Microchip Technology MCP1632-BAE/MS Datasheet HTML 17Page - Microchip Technology MCP1632-BAE/MS Datasheet HTML 18Page - Microchip Technology MCP1632-BAE/MS Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 34 page
background image
 2013 Microchip Technology Inc.
DS20005254A-page 15
MCP1632
FIGURE 4-3:
Slope Compensation Signal
(CS) Pin.
4.7
Reference Voltage Generator
The internal precision constant current generator and
an external resistor connected between the VREF pin
and GND form the reference voltage generator. Refer
to Figure 4-4 for details. Optionally, a capacitor (CSS)
can be connected in parallel with RVREF to activate the
soft start function that will minimize overshoots of the
output voltage during start-up. The equations in
Figure 4-4 calculate the value of the resistor (RVREF)
for a given reference voltage and the value of the soft
start capacitor (CSS) based on the necessary time to
reach 90% of the final value for VREF. An internal circuit
of the MCP1632 device will discharge the capacitor
during the shutdown period. This capacitor must be of
good quality, with low leakage currents, in order to
avoid any errors that can affect the reference voltage.
The reference voltage should not exceed 80% of the
bias input voltage (VIN pin) in order to avoid any errors
that affect the internal constant current generator.
An external low-noise, low-impedance source can be
used to overdrive the VREF pin in order to control the
reference voltage. In this case, the resistor/capacitor
group connected to GND is not necessary, and the soft
start profile must be controlled by the external
reference voltage generator.
FIGURE 4-4:
Reference Voltage
Generator.
4.8
Internal Oscillator
The
MCP1632
PWM
controller
provides
two
(orderable) switching frequency options: 300 kHz and
600 kHz.
4.9
Undervoltage Lockout (UVLO)
When the input voltage (VIN) is less than the UVLO
threshold, the VEXT is held in low state. This will ensure
that, if the voltage is not adequate to power the
MCP1632 device, the main power supply switch will be
held in off state. In order to prevent oscillations when
the input voltage is near the UVLO threshold, the UVLO
circuit offers 100 mV (typical) hysteresis. Typically, the
MCP1632 device will not start until the input voltage at
VIN is between 2.8V and 2.9V (typical).
4.10
Overtemperature Protection
To protect the VEXT output if shorted to VIN or GND, the
VEXT output of the MCP1632 device will be
high-impedance if the junction temperature is above
the thermal shutdown threshold. An internal 10 k
pull-down resistor is connected from VEXT to ground to
provide some pull-down during overtemperature
conditions. The protection is set to 150°C (typical), with
a hysteresis of 20°C.
Slope V
PP

0.9 V
PP

R
SLOPE
R
SLOPE
R
G
+
--------------------------------------
=
DC
LOW
V

0.32 V

R
SLOPE
R
SLOPE
R
G
+
--------------------------------------
=
DC
HIGH
V

1.22 V

R
SLOPE
R
SLOPE
R
G
+
--------------------------------------
=
Amplitude (V)
Slope
(V)
Time
DCLOW
DCHIGH
R
VREF

V
REF
V

50
A
------------------------
=
C
SS
F

ts

2.3
R
VREF

-------------------------------------------
=
VREF
VIN
50 μA
VREF
RVREF
CSS
Time(s)
VREF
0.9*VREF
Amplitude (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com