Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ZREF12 Datasheet(PDF) 1 Page - Zetex Semiconductors

Part # ZREF12
Description  PRECISION 1.25 VOLT MICROPOWER VOLTAGE REFERENCE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZREF12 Datasheet(HTML) 1 Page - Zetex Semiconductors

  ZREF12 Datasheet HTML 1Page - Zetex Semiconductors ZREF12 Datasheet HTML 2Page - Zetex Semiconductors ZREF12 Datasheet HTML 3Page - Zetex Semiconductors ZREF12 Datasheet HTML 4Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SCHEMATIC DIAGRAM
PRECISION 1.25 VOLT
MICROPOWER VOLTAGE REFERENCE
ISSUE 2 - MARCH 1998
ZREF12
V
R
G
nd
DEVICE DESCRIPTION
The ZREF12 uses a bandgap circuit design to
achieve a precision micropower voltage
reference of 1.24 volts. The device is
available in a small outline surface mount
package, ideal for applications where space
saving is important, as well as packages for
through hole requirements.
The ZREF12 design provides a stable voltage
without an external capacitor and is stable
with capacitive loads. The ZREF12 is
recommended for operation between 50
µA
and 5mA and so is ideally suited to low
power and battery powered applications.
Excellent performance is maintained to an
absolute maximum of 25mA, however the
rugged design and 20 volt processing allows
the reference to withstand transient effects
and currents up to 200mA. Superior
switching capability allows the device to
reach stable operating conditions in only a
few microseconds.
FEATURES
Small outline SO8 and TO92 style
packages
No stabilising capacitor required
Typical TC 30ppm/°C
Typical slope resistance 0.65Ω
± 1% tolerance
Industrial temperature range (Military
temperature range available on request)
Operating current 50µA to 5mA
Transient response, stable in less than
10
µs
Alternative package options and
tolerances available
APPLICATIONS
Battery powered and portable
equipment.
Metering and measurement systems.
Instrumentation.
Precision power supplies.
Test equipment.
Data acquisition systems
4-267


Similar Part No. - ZREF12

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZREF12 DIODES-ZREF12 Datasheet
81Kb / 4P
PRECISION 1.25 VOLT MICROPOWER VOLTAGE REFERENCE
MARCH 1998
ZREF12D DIODES-ZREF12D Datasheet
81Kb / 4P
PRECISION 1.25 VOLT MICROPOWER VOLTAGE REFERENCE
MARCH 1998
ZREF12Z DIODES-ZREF12Z Datasheet
81Kb / 4P
PRECISION 1.25 VOLT MICROPOWER VOLTAGE REFERENCE
MARCH 1998
More results

Similar Description - ZREF12

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZRA125 ZETEX-ZRA125 Datasheet
169Kb / 5P
PRECISION 1.25 VOLT MICROPOWER VOLTAGE REFERENCE
ZR12D ZETEX-ZR12D Datasheet
61Kb / 4P
PRECISION 1.25 VOLT MICROPOWER VOLTAGE REFERENCE
ZR423 ZETEX-ZR423 Datasheet
61Kb / 4P
PRECISION 1.25 VOLT MICROPOWER VOLTAGE REFERENCE
logo
List of Unclassifed Man...
ZRA125 ETC1-ZRA125 Datasheet
205Kb / 5P
PRECISION 1.25 VOLT MICROPOWER VOLTAGE REFERENCE
logo
Zetex Semiconductors
ZR285-25 ZETEX-ZR285-25 Datasheet
82Kb / 4P
PRECISION 2.5 VOLT MICROPOWER VOLTAGE REFERENCE
ZR4040-41 ZETEX-ZR4040-41 Datasheet
63Kb / 4P
PRECISION 4.1 VOLT MICROPOWER VOLTAGE REFERENCE
logo
Diodes Incorporated
ZR40402N825TA DIODES-ZR40402N825TA Datasheet
69Kb / 4P
PRECISION 2.5 VOLT MICROPOWER VOLTAGE REFERENCE
MARCH 1998
ZREF12 DIODES-ZREF12 Datasheet
81Kb / 4P
PRECISION 1.25 VOLT MICROPOWER VOLTAGE REFERENCE
MARCH 1998
ZR423 DIODES-ZR423 Datasheet
64Kb / 4P
PRECISION 1.25 VOLT MICROPOWER VOLTAGE REFERENCE
FEBRUARY 1998
ZR12D DIODES-ZR12D Datasheet
72Kb / 4P
PRECISION 1.25 VOLT MICROPOWER VOLTAGE REFERENCE
FEBRUARY 1998
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com