Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ATS128 Datasheet(PDF) 22 Page - Allegro MicroSystems

Part # ATS128
Description  Highly Programmable, Back-Biased, Hall-Effect Switch
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ATS128 Datasheet(HTML) 22 Page - Allegro MicroSystems

Back Button ATS128 Datasheet HTML 17Page - Allegro MicroSystems ATS128 Datasheet HTML 18Page - Allegro MicroSystems ATS128 Datasheet HTML 19Page - Allegro MicroSystems ATS128 Datasheet HTML 20Page - Allegro MicroSystems ATS128 Datasheet HTML 21Page - Allegro MicroSystems ATS128 Datasheet HTML 22Page - Allegro MicroSystems ATS128 Datasheet HTML 23Page - Allegro MicroSystems ATS128 Datasheet HTML 24Page - Allegro MicroSystems ATS128 Datasheet HTML 25Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 22 / 25 page
background image
Highly Programmable, Back-Biased,
Hall-Effect Switch with TPOS Functionality
ATS128LSE
22
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Figure 18. Example switchpoints versus mechanical location.
B+ (south)
B– (north)
Target Displacement from Home Position, θ (°)
–θ
Smaller Air Gap
(Steeper slope)
Larger Air Gap
(Shallower slope)
BRP
BRP
BOP
BOP
lower, and therefore the difference between BOP and BRP must
be considered. If BRP is more appropriate as the actual device
switchpoint, the code determined using the Up-Counting register
in the example can be programmed and set. If BOP is more appro-
priate as the switchpoint, the code determined using the Down-
Counting register can be programmed and set.
It should be noted that in the proximity sensor example given
above, the magnetic field was defined as positive (south) and
the BOP Positive, Trim Up- and Trim Down-Counting registers
were used. If in the application the magnetic field is negative,
the BOP Negative, Trim Up- and Trim Down-Counting registers
should be used as shown in figures 14C and 14D. The procedure
for programming these registers is the same as discussed in the
proximity sensor example. Note the purpose of the example is to
show how to use some of the ATS128 BOP programming options
and is not based on any reference design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com