Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

DS90C031 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # DS90C031
Description  LVDS Quad CMOS Differential Line Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS90C031 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  DS90C031 Datasheet HTML 1Page - National Semiconductor (TI) DS90C031 Datasheet HTML 2Page - National Semiconductor (TI) DS90C031 Datasheet HTML 3Page - National Semiconductor (TI) DS90C031 Datasheet HTML 4Page - National Semiconductor (TI) DS90C031 Datasheet HTML 5Page - National Semiconductor (TI) DS90C031 Datasheet HTML 6Page - National Semiconductor (TI) DS90C031 Datasheet HTML 7Page - National Semiconductor (TI) DS90C031 Datasheet HTML 8Page - National Semiconductor (TI) DS90C031 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
DS90C031
LVDS Quad CMOS Differential Line Driver
General Description
The DS90C031 is a quad CMOS differential line driver de-
signed for applications requiring ultra low power dissipation
and high data rates. The device is designed to support data
rates in excess of 155.5 Mbps (77.7 MHz) utilizing Low Volt-
age Differential Signaling (LVDS) technology.
The DS90C031 accepts TTL/CMOS input levels and trans-
lates them to low voltage (350 mV) differential output sig-
nals. In addition the driver supports a TRI-STATE® function
that may be used to disable the output stage, disabling the
load current, and thus dropping the device to an ultra low idle
power state of 11 mW typical.
The DS90C031 and companion line receiver (DS90C032)
provide a new alternative to high power psuedo-ECL devices
for high speed point-to-point interface applications.
Features
n >155.5 Mbps (77.7 MHz) switching rates
n ±350 mV differential signaling
n Ultra low power dissipation
n 400 ps maximum differential skew (5V, 25˚C)
n 3.5 ns maximum propagation delay
n Industrial operating temperature range
n Military operating temperature range option
n Available in surface mount packaging (SOIC) and (LCC)
n Pin compatible with DS26C31, MB571 (PECL) and
41LG (PECL)
n Compatible with IEEE 1596.3 SCI LVDS standard
n Conforms to ANSI/TIA/EIA-644 LVDS standard
n Available to Standard Microcircuit Drawing (SMD)
5962-95833
Connection Diagrams
TRI-STATE® is a registered trademark of National Semiconductor Corporation.
Dual-In-Line
DS011946-1
Order Number DS90C031TM
See NS Package Number M16A
LCC Package
DS011946-33
Order Number DS90C031E-QML
See NS Package Number E20A
For Complete Military Specifications,
refer to appropriate SMD or MDS.
June 1998
© 1998 National Semiconductor Corporation
DS011946
www.national.com


Similar Part No. - DS90C031

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS90C031 TI-DS90C031 Datasheet
311Kb / 15P
DS90C031 LVDS Quad CMOS Differential Line Driver
DS90C031 TI2-DS90C031 Datasheet
310Kb / 15P
DS90C031 LVDS Quad CMOS Differential Line Driver
June 1998
DS90C031 MDR TI2-DS90C031 MDR Datasheet
804Kb / 24P
DS90C031QML LVDS Quad CMOS Differential Line Driver
REVISED MARCH 2013
DS90C031-MDR.A TI2-DS90C031-MDR.A Datasheet
804Kb / 24P
DS90C031QML LVDS Quad CMOS Differential Line Driver
REVISED MARCH 2013
logo
National Semiconductor ...
DS90C031B NSC-DS90C031B Datasheet
253Kb / 12P
LVDS Quad CMOS Differential Line Driver
More results

Similar Description - DS90C031

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS90C031B NSC-DS90C031B Datasheet
253Kb / 12P
LVDS Quad CMOS Differential Line Driver
DS90LV031A NSC-DS90LV031A Datasheet
181Kb / 11P
3V LVDS Quad CMOS Differential Line Driver
DS90LV031B NSC-DS90LV031B Datasheet
163Kb / 10P
3V LVDS Quad CMOS Differential Line Driver
MNDS90LV031A-X NSC-MNDS90LV031A-X Datasheet
191Kb / 9P
3V LVDS Quad CMOS Differential Line Driver
DS90C031B NSC-DS90C031B_01 Datasheet
249Kb / 11P
LVDS Quad CMOS Differential Line Driver
DS90LV031B NSC-DS90LV031B_05 Datasheet
545Kb / 9P
3V LVDS Quad CMOS Differential Line Driver
logo
Texas Instruments
DS90C031QML TI1-DS90C031QML Datasheet
369Kb / 20P
DS90C031QML LVDS Quad CMOS Differential Line Driver
DS90C031BTMX TI1-DS90C031BTMX Datasheet
1Mb / 19P
DS90C031B LVDS Quad CMOS Differential Line Driver
DS90C031BTMX TI-DS90C031BTMX Datasheet
1,007Kb / 19P
DS90C031B LVDS Quad CMOS Differential Line Driver
DS90C031QML TI1-DS90C031QML_16 Datasheet
660Kb / 21P
LVDS Quad CMOS Differential Line Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com