Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

RF2948B Datasheet(PDF) 6 Page - RF Micro Devices

Part # RF2948B
Description  2.4GHz SPREAD-SPECTRUM TRANSCEIVER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2948B Datasheet(HTML) 6 Page - RF Micro Devices

Back Button RF2948B Datasheet HTML 2Page - RF Micro Devices RF2948B Datasheet HTML 3Page - RF Micro Devices RF2948B Datasheet HTML 4Page - RF Micro Devices RF2948B Datasheet HTML 5Page - RF Micro Devices RF2948B Datasheet HTML 6Page - RF Micro Devices RF2948B Datasheet HTML 7Page - RF Micro Devices RF2948B Datasheet HTML 8Page - RF Micro Devices RF2948B Datasheet HTML 9Page - RF Micro Devices RF2948B Datasheet HTML 10Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
11-244
RF2948B
Rev A6 040930
Pin
Function
Description
Interface Schematic
13
PA IN
Input to the power amplifier stage. This is a 50
Ω input. Requires DC-
blocking/tuning cap.
See pin 12.
14
VCC5
Supply for the RF LO buffer, RF upconverter and amplifier.
15
RF LO
Single-ended LO input for the transmit upconverter. External matching
to 50
Ω and a DC-block are required.
See pin 14.
16
RF OUT
Upconverted Transmit signal. This 50
Ω output is intended to drive an
RF filter to suppress the undesired sideband, harmonics, and other out-
of-band mixer products.
See pin 14.
17
IF1 OUT-
The inverting open collector output of the quadrature modulator. This
pin needs to be externally biased and DC isolated from other parts of
the circuit. This output can drive a Balun with IF1 OUT+, to convert to
unbalanced to drive a SAW filter. The Balun can be either broadband
(transformer) or narrowband (discrete LC matching). Alternatively, just
IF1 OUT+ can be used to drive a SAW single-ended with an RF choke
(high Z at IF) from VCC to IF1 OUT-.
18
IF1 OUT+
The non-inverting open collector output of the quadrature modulator.
This pin needs to be externally biased and DC isolated from other parts
of the circuit. This output can drive a Balun with IF1 OUT-, to convert to
unbalanced to drive a SAW filter. The Balun can be either broadband
(transformer) or narrowband (discrete LC matching). Alternatively, just
IF1 OUT+ can be used to drive a SAW single-ended with an RF choke
(high Z at IF) from VCC to IF1 OUT+.
See pin 17.
19
TXI BP
This is the in-phase modulator bypass pin. A 10nF capacitor to ground
is recommended.
20
TXI DATA
I input to the baseband 5 pole Bessel LPF for the transmit modulator.
21
TXQ BP
This is the quadrature phase modulator bypass pin. A 10nF capacitor
to ground is recommended.
22
TXQ DATA
Q input to the baseband 5 pole Bessel LPF for the transmit modulator.
23
VCC4
Power supply for quadrature modulator.
24
I OUT
Baseband analog signal output for in-phase channel.
700mVP-P linear output.
25
Q OUT
Baseband analog signal output for quadrature channel.
700mVP-P linear output.
26
VREF1 BUF Buffered version of the VREF1 output. See pin 31.
Sink/Source current <1mA.
27
DCFB I
DC feedback capacitor for in-phase channel. Requires capacitor to
ground. (22nF recommended)
28
DCFB Q
DC feedback capacitor for quadrature channel. Requires decoupling
capacitor to ground. (22nF recommended)
29
BW CTRL
This pin requires a resistor to ground to set the baseband LPF band-
width of the receiver and transmit GmC filter amps.
30
VCC2
Supply for the I and Q baseband and GmC filters. This pin should be
bypassed with a 10nF capacitor.
C
BLOCK
22 pF
To TX RF
Image Filter
12 mA
From
TX VGA
V
CC
C
BYP
22 nF
V
CC
C
BYP
22 nF
RF LO
From
RF VCO
VB
VCC5
RF OUT
IF1 OUT+
IF1 OUT-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com