Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SL22-MH1 Datasheet(PDF) 2 Page - Formosa MS

Part # SL22-MH1
Description  Chip Low VF Schottky Barrier Rectifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

SL22-MH1 Datasheet(HTML) 2 Page - Formosa MS

  SL22-MH1 Datasheet HTML 1Page - Formosa MS SL22-MH1 Datasheet HTML 2Page - Formosa MS SL22-MH1 Datasheet HTML 3Page - Formosa MS SL22-MH1 Datasheet HTML 4Page - Formosa MS SL22-MH1 Datasheet HTML 5Page - Formosa MS SL22-MH1 Datasheet HTML 6Page - Formosa MS SL22-MH1 Datasheet HTML 7Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Batch process design, excellent power dissipation offers
better reverse leakage current and thermal resistance.
Low profile surface mounted application in order to
optimize board space.
Low power loss, high efficiency.
High current capability, l
Ultra high-speed switching.
Silicon epitaxial planar chip, metal silicon junction.
Lead-free parts meet environmental standards of
MIL-STD-19500 /228
Features
ow forward voltage drop.
High surge capability.
Guardring for overvoltage protection.
Suffix "-H" indicates Halogen free parts, ex. SL22-MH1-H.
Page 2
Formosa MS
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141
Document ID
Issued Date
Revised Date
Revision
Page.
2.0A
Surface Mount
Schottky Barrier Rectifiers - 20V-40V
Low VF
Chip
Rectifier
Low VF Schottky Barrier
Maximum ratings and Electrical Characteristics (AT T =25
A
oC unless otherwise noted)
Notes 1: Measured at 1 0 MHz and applied reverse voltage of 4.0 Volts
.
Peak forward surge current 8 3ms single half sine wave
.-
Maximum instantaneous forward voltage at I
2 0A
=.
F
Maximum average forward rectified current
Maximum repetitive peak reverse voltage
Operating junction temperature range
Typical junction capacitance Note 1
()
Maximum DC reverse current
Maximum DC blocking voltage
at rated DC blocking voltage
Storage temperature range
Maximum RMS voltage
()
JEDEC Method
PARAMETER
TJ =25 °C
SYMBOLS
TSTG
VDC
VRRM
IFSM
VRMS
IO
VF
IR
CJ
TJ
SL22-MH1
0.38
20
14
20
-+
55 to 150
-+
55 to 100
SL23-MH1
2.0
50
1.0
160
30
21
30
0.40
SL24-MH1
40
28
40
0.40
UNITS
Volts
Volts
Volts
Volts
Amps
Amps
mA
pF
°C
°C
Mechanical data
Epoxy : UL94-V0 rated flame retardant
Case : Molded plastic,
Terminals :Plated terminals, solderable per MIL-STD-750,
Method 2026
Polarity : Indicated by cathode band
Mounting Position : Any
SOD-123H1
Weight : Approximated 0.0103 gram
DS-12165G
2014/03/21
-
A
7
SL22-MH1 THRU SL24-MH1
Package outline
Dimensions in inches and (millimeters)
SOD-123H1
0.031(0.8) Typ.
0.146(3.7)
0.130(3.3)
0.004(0.1) Typ.
0.031(0.8) Typ.
0.012(0.3) Typ.
0.071(1.8)
0.056(1.4)
0.040(1.0)
0.024(0.6)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com