Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PN65303 Datasheet(PDF) 9 Page - Mallory performance club

Part # PN65303
Description  Programmable 6AL-2 Ignition Control
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MALLORY [Mallory performance club]
Direct Link  http://mallory-ignition.com/
Logo MALLORY - Mallory performance club

PN65303 Datasheet(HTML) 9 Page - Mallory performance club

Back Button PN65303 Datasheet HTML 5Page - Mallory performance club PN65303 Datasheet HTML 6Page - Mallory performance club PN65303 Datasheet HTML 7Page - Mallory performance club PN65303 Datasheet HTML 8Page - Mallory performance club PN65303 Datasheet HTML 9Page - Mallory performance club PN65303 Datasheet HTML 10Page - Mallory performance club PN65303 Datasheet HTML 11Page - Mallory performance club PN65303 Datasheet HTML 12Page - Mallory performance club PN65303 Datasheet HTML 13Page - Mallory performance club Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
INSTALLATION INSTRUCTIONS
9
MSD •   W W W. M S D PE R F OR M A NC E . C OM   •   ( 91 5 )   8 57 - 5 20 0   •   F AX   ( 91 5 )   8 57 - 33 4 4
PRO-DATA+
INSTALLATION OF THE PRO-DATA+ SOFTWARE
1. Insert the installation CD into your CD drive.
2. In Windows, click on Start then select Run.
3. In the box type, “A:Setup” (or whichever drive is for the CD) and press Enter.
4. The screen will walk you through several steps.
5. Once loaded, your monitor will have an MSD Graph View logo. Click on it to open the software.
6. A program will open. Go to the upper left corner of the screen and click on File, then Open.
7. This will open a menu of part numbers. Select "6530".
8. This will open another menu of versions. Highlight and open the “6530vxx.IGN” (xx determines the
versions, such as 02). This will open the Pro-Data+ software for the Programmable 6AL-2 Ignition.
SAVES AND TRANSFERS
Whenever a change is made to a program, it either must be saved to a file in your PC or it needs to
be transferred to the ignition. You will notice that whenever you make a change to a program, the
bullet next to the modified value will turn red. It will remain red until you save it to a file or to the MSD.
There are two ways to save your files.
Save to MSD: This step will save any changes directly into the ignition. If you are only making
one or just a couple modifications this works well.
Save to PC: This will save your changes to only show on the PC screen (indicated by a red
bullet point next to any altered values). These modifications will not be active or saved until
you save the file or transfer the information to the MSD.
You can create numerous files on your PC and download them for testing purposes or by saving
programs you used at different races or events.
Figure 9 Wiring the Programmable 6AL-2 with a Ford TFI (without Harness).
WHITE
MAGNETIC PICKUP
(NOT USED)
INDICATES CONNECTION
GREEN
VIOLET
HEAVY RED
HEAVY BLACK
TO BATTERY
TO BATTERY
+
ORANGE (TO COIL +)
BLACK (TO COIL -)
RED
PINK
DARK BLUE
LIGHT BLUE
WHITE/BLUE
HALL-EFFECT
(NOT USED)
LAUNCH
(12V TO ACTIVATE)
BURNOUT
(12V TO ACTIVATE)
RETARD
(12V TO ACTIVATE)
GRAY
TACH OUTPUT
MAP
SENSOR
RED
RED/LIGHT GREEN
DARK GREEN/YELLOW
FACTORY
COIL WIRES
NOTE: MSD offers a Direct Plug-in
Harness, PN 8874.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com