Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LMS485CMX Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMS485CMX
Description  5V Low Power RS-485 / RS-422 Differential Bus
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMS485CMX Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LMS485CMX Datasheet HTML 1Page - National Semiconductor (TI) LMS485CMX Datasheet HTML 2Page - National Semiconductor (TI) LMS485CMX Datasheet HTML 3Page - National Semiconductor (TI) LMS485CMX Datasheet HTML 4Page - National Semiconductor (TI) LMS485CMX Datasheet HTML 5Page - National Semiconductor (TI) LMS485CMX Datasheet HTML 6Page - National Semiconductor (TI) LMS485CMX Datasheet HTML 7Page - National Semiconductor (TI) LMS485CMX Datasheet HTML 8Page - National Semiconductor (TI) LMS485CMX Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
LMS485
5V Low Power RS-485 / RS-422 Differential Bus
Transceiver
General Description
The LMS485 is a low power differential bus/line transceiver
designed for high speed bidirectional data communication on
multipoint bus transmission lines. It is designed for balanced
transmission lines. It meets ANSI Standards TIA/EIA
RS422-B, TIA/EIA RS485-A and ITU recommendation and
V.11 and X.27. The LMS485 combines a TRI-STATEdif-
ferential line driver and differential input receiver, both of
which operate from a single 5.0V power supply. The driver
and receiver have an active high and active low, respec-
tively, that can be externally connected to function as a
direction control. The driver and receiver differential inputs
are internally connected to form differential input/output (I/O)
bus ports that are designed to offer minimum loading to bus
whenever the driver is disabled or when V
CC = 0V. These
ports feature wide positive and negative common mode
voltage ranges, making the device suitable for multipoint
applications in noisy environments. The LMS485 is available
in a 8-Pin SOIC and 8-Pin DIP packages. It is a drop-in
socket replacement to Maxim’s MAX485
Features
n
Meet ANSI standard RS-485-A and RS-422-B
n
Data rate 2.5 Mbps
n
Single supply voltage operation, 5V
n
Thermal shutdown protection
n
Short circuit protection
n
Low power BiCMOS
n
Allows up to 32 transceivers on the bus
n
Open circuit fail-safe for receiver
n
Extended operating temperature range −40˚C to 85˚C
n
Drop-in replacement to MAX485
n
Available in 8-pin SOIC and 8-Pin DIP package
Applications
n
Low power RS-485 systems
n
Network hubs, bridges, and routers
n
Point of sales equipment (ATM, barcode scanners,…)
n
Local area networks (LAN)
n
Integrated service digital network (ISDN)
n
Industrial programmable logic controllers
n
High speed parallel and serial applications
n
Multipoint applications with noisy environment
Typical Application
20062601
A Typical multipoint application is shown in the above figure. Terminating resistors, RT, are typically required but only located at the two ends of the cable.
Pull up and pull down resistors maybe required at the end of the bus to provide failsafe biasing. The biasing resistors provide a bias to the cable when all
drivers are in TRI-STATE, See National Application Note, AN-847 for further information.
April 2003
© 2003 National Semiconductor Corporation
DS200626
www.national.com


Similar Part No. - LMS485CMX

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMS485E NSC-LMS485E Datasheet
248Kb / 13P
Low Power RS-485 / RS-422 Differential Bus Transceiver
LMS485ECM NSC-LMS485ECM Datasheet
248Kb / 13P
Low Power RS-485 / RS-422 Differential Bus Transceiver
LMS485ECMX NSC-LMS485ECMX Datasheet
248Kb / 13P
Low Power RS-485 / RS-422 Differential Bus Transceiver
LMS485ECNA NSC-LMS485ECNA Datasheet
248Kb / 13P
Low Power RS-485 / RS-422 Differential Bus Transceiver
LMS485EIM NSC-LMS485EIM Datasheet
248Kb / 13P
Low Power RS-485 / RS-422 Differential Bus Transceiver
More results

Similar Description - LMS485CMX

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS96176 NSC-DS96176 Datasheet
344Kb / 12P
RS-485/RS-422 Differential Bus Transceiver
DS96177 NSC-DS96177 Datasheet
262Kb / 8P
RS-485/RS-422 Differential Bus Repeater
logo
Intersil Corporation
ISL81485 INTERSIL-ISL81485 Datasheet
371Kb / 11P
5V, 30Mbps, RS-485/RS-422 Transceiver
December 2003
logo
National Semiconductor ...
LMS1485 NSC-LMS1485 Datasheet
224Kb / 10P
5V Low Power RS-485 Differential Bus Transceiver
LMS1487 NSC-LMS1487 Datasheet
249Kb / 13P
5V Low Power RS-485 / RS-422 Differential Bus Transceiver
LMS485E NSC-LMS485E Datasheet
248Kb / 13P
Low Power RS-485 / RS-422 Differential Bus Transceiver
LMS1487E NSC-LMS1487E Datasheet
248Kb / 13P
Low Power RS-485 / RS-422 Differential Bus Transceiver
logo
Intersil Corporation
ISL81485 INTERSIL-ISL81485_04 Datasheet
377Kb / 11P
5V, 30Mbps, RS-485/RS-422 Transceiver
logo
Texas Instruments
DS96176 TI1-DS96176_15 Datasheet
820Kb / 13P
RS-485/RS-422 Differential Bus Transceiver
logo
Renesas Technology Corp
ISL81485 RENESAS-ISL81485 Datasheet
743Kb / 12P
5V, 30Mbps, RS-485/RS-422 Transceiver
July 2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com