Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TJM4558C Datasheet(PDF) 1 Page - STMicroelectronics

Part # TJM4558C
Description  WIDE BANDWIDTH DUAL BIPOLAR OPERATIONAL AMPLIFIERS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TJM4558C Datasheet(HTML) 1 Page - STMicroelectronics

  TJM4558C Datasheet HTML 1Page - STMicroelectronics TJM4558C Datasheet HTML 2Page - STMicroelectronics TJM4558C Datasheet HTML 3Page - STMicroelectronics TJM4558C Datasheet HTML 4Page - STMicroelectronics TJM4558C Datasheet HTML 5Page - STMicroelectronics TJM4558C Datasheet HTML 6Page - STMicroelectronics TJM4558C Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1/7
s INTERNALLY COMPENSATED
s SHORT-CIRCUIT PROTECTION
s GAIN AND PHASE MATCH BETWEEN
AMPLIFIER
s LOW POWER CONSUMPTION
s PIN TO PIN COMPATIBLE WITH
MC1458/LM358
s GAIN BANDWIDTH PRODUCT (at 100kHz)
5.5MHz
DESCRIPTION
The TJM4558 is a high performance monolithic
dual operational amplifier.
The circuit combines all the outstanding features
of the MC1458 and, in addition possesses three
times the unity gain bandwidth of the industry
standard.
ORDER CODE
N = Dual in Line Package (DIP)
D = Small Outline Package (SO) - also available in Tape & Reel (DT))
P = Thin Shrink Small Outline Package (TSSOP) - only available
in Tape & Reel (PT)
PIN CONNECTIONS (top view)
Part Number
Temperature
Range
Package
ND
P
TJM4558C
0°C, +70°C
••
•
TJM4558I
-40°C, +105°C
••
•
Example : TJM4558CN
N
DIP8
(Plastic Package)
D
SO8
(Plastic Micropackage)
P
TSSOP8
(Thin Shrink Small Outline Package)
1
2
3
45
6
7
8
-
+
-
+
Output 1
Inverting input 1
Non-inverting input 1
V
CC
VCC
Output 2
Inverting input 2
Non-inverting input 2
-
+
TJM4558
WIDE BANDWIDTH
DUAL BIPOLAR OPERATIONAL AMPLIFIERS
December 2003


Similar Part No. - TJM4558C

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TJM4558C STMICROELECTRONICS-TJM4558C Datasheet
292Kb / 7P
WIDE BANDWIDTH DUAL BIPOLAR OPERATIONAL AMPLIFIERS
Dec-2003
TJM4558C STMICROELECTRONICS-TJM4558C Datasheet
293Kb / 7P
WIDE BANDWIDTH DUAL BIPOLAR OPERATIONAL AMPLIFIERS
Dec-2003
TJM4558CD STMICROELECTRONICS-TJM4558CD Datasheet
292Kb / 7P
WIDE BANDWIDTH DUAL BIPOLAR OPERATIONAL AMPLIFIERS
Dec-2003
TJM4558CDT STMICROELECTRONICS-TJM4558CDT Datasheet
293Kb / 7P
WIDE BANDWIDTH DUAL BIPOLAR OPERATIONAL AMPLIFIERS
Dec-2003
TJM4558CN STMICROELECTRONICS-TJM4558CN Datasheet
292Kb / 7P
WIDE BANDWIDTH DUAL BIPOLAR OPERATIONAL AMPLIFIERS
Dec-2003
More results

Similar Description - TJM4558C

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
MC4558 STMICROELECTRONICS-MC4558 Datasheet
78Kb / 7P
WIDE BANDWIDTH DUAL BIPOLAR OPERATIONAL AMPLIFIERS
Aug-1998
MC4558 STMICROELECTRONICS-MC4558_05 Datasheet
417Kb / 10P
WIDE BANDWIDTH DUAL BIPOLAR OPERATIONAL AMPLIFIERS
Oct-2005
TS982 STMICROELECTRONICS-TS982 Datasheet
510Kb / 20P
Wide bandwidth dual bipolar operational amplifier
05-Jun-2008
LF253DT STMICROELECTRONICS-LF253DT Datasheet
909Kb / 15P
Wide bandwidth dual JFET operational amplifiers
25-Mar-2010
MC4558IDT STMICROELECTRONICS-MC4558IDT Datasheet
463Kb / 11P
Wide bandwidth dual bipolar operational amplifier
13-Apr-2012
TJM4558CN STMICROELECTRONICS-TJM4558CN Datasheet
292Kb / 7P
WIDE BANDWIDTH DUAL BIPOLAR OPERATIONAL AMPLIFIERS
Dec-2003
TJM4558CD STMICROELECTRONICS-TJM4558CD Datasheet
292Kb / 7P
WIDE BANDWIDTH DUAL BIPOLAR OPERATIONAL AMPLIFIERS
Dec-2003
TJM4558CDT STMICROELECTRONICS-TJM4558CDT Datasheet
293Kb / 7P
WIDE BANDWIDTH DUAL BIPOLAR OPERATIONAL AMPLIFIERS
Dec-2003
logo
ON Semiconductor
MC4558V ONSEMI-MC4558V Datasheet
75Kb / 8P
Dual Wide Bandwidth Operational Amplifiers
December, 2000 ??Rev. 0
logo
PROMAX-JOHNTON CORP
PJ4558 PROMAX-JOHNTON-PJ4558 Datasheet
430Kb / 5P
Dual Wide Bandwidth Operational Amplifiers
2003/04.ver.B
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com