Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

BZX84C2V Datasheet(PDF) 2 Page - KEC(Korea Electronics)

Part # BZX84C2V
Description  SEMICONDUCTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

BZX84C2V Datasheet(HTML) 2 Page - KEC(Korea Electronics)

  BZX84C2V Datasheet HTML 1Page - KEC(Korea Electronics) BZX84C2V Datasheet HTML 2Page - KEC(Korea Electronics) BZX84C2V Datasheet HTML 3Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2008. 6. 17
2/3
BZX84C2V~36V
Revision No : 0
TYPE No.
Zener Voltage Vz (V)
Dynamic Impedance
Zz (
Ω)
KNEE Dynamic
Impedance Zzk (
Ω)
Reverse Current
IR (μ
A)
Min.
Max.
Iz
(mA)
MAX.
Iz
(mA)
MAX.
Iz
(mA)
MAX.
VR(V)
BZX84C2V0
1.85
2.15
5
100
5
1000
0.5
120
1.0
BZX84C2V2
2.05
2.38
5
100
5
1000
0.5
120
1.0
BZX84C2V4
2.28
2.60
5
100
5
1000
0.5
120
1.0
BZX84C2V7
2.50
2.90
5
100
5
1000
0.5
120
1.0
BZX84C3V0
2.80
3.20
5
120
5
1000
0.5
50
1.0
BZX84C3V3
3.10
3.50
5
130
5
1000
0.5
20
1.0
BZX84C3V6
3.40
3.80
5
130
5
1000
0.5
10
1.0
BZX84C3V9
3.70
4.10
5
130
5
1000
0.5
10
1.0
BZX84C4V3
4.13
4.35
5
130
5
1000
0.5
5
1.0
BZX84C4V7
4.53
4.76
5
120
5
1000
0.5
5
1.0
BZX84C5V1
4.97
5.24
5
70
5
1000
0.5
1.
1.5
BZX84C5V6
5.43
5.81
5
40
5
900
0.5
1
2.5
BZX84C6V2
6.00
6.39
5
30
5
500
0.5
1
3.0
BZX84C6V8
6.60
7.02
5
25
5
150
0.5
0.5
5.0
BZX84C7V5
7.23
7.66
5
23
5
120
0.5
0.5
6.0
BZX84C8V2
7.96
8.43
5
20
5
120
0.5
0.5
6.5
BZX84C9V1
8.80
9.30
5
18
5
120
0.5
0.5
7.0
BZX84C10
9.73
10.26
5
15
5
120
0.5
0.5
8.0
BZX84C11
10.73
11.26
5
15
5
120
0.5
0.5
8.5
BZX84C12
11.73
12.26
5
15
5
110
0.5
0.5
9.0
BZX84C13
12.88
13.57
5
15
5
110.
0.5
0.5
10
BZX84C15
14.33
15.11
5
15
5
110.
0.5
0.5
11
BZX84C16
15.80
16.60
5
18
5
150
0.5
0.5
12
BZX84C18
17.46
18.43
5
20
5
150
0.5
0.5
14
BZX84C20
19.48
20.46
5
25
5
200
0.5
0.5
15
BZX84C22
21.48
22.56
5
30
5
200
0.5
0.5
17
BZX84C24
23.61
24.92
5
40
5
200
0.5
0.5
19
BZX84C27
26.19
27.53
2
150
2
150
0.5
0.1
21
BZX84C30
29.19
30.69
2
200
2
200
0.5
0.1
23
BZX84C33
32.15
33.79
2
250
2
250
0.5
0.1
25
BZX84C36
35.07
36.87
2
300
2
300
0.5
0.1
27
ELECTRICAL CHARACTERISTICS (Ta=25
℃)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com