Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

VSC8162 Datasheet(PDF) 8 Page - Vitesse Semiconductor Corporation

Part # VSC8162
Description  2.488 Gbit/sec SONET/SDH 1:16 Demux with Clock Recovery
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC8162 Datasheet(HTML) 8 Page - Vitesse Semiconductor Corporation

Back Button VSC8162 Datasheet HTML 4Page - Vitesse Semiconductor Corporation VSC8162 Datasheet HTML 5Page - Vitesse Semiconductor Corporation VSC8162 Datasheet HTML 6Page - Vitesse Semiconductor Corporation VSC8162 Datasheet HTML 7Page - Vitesse Semiconductor Corporation VSC8162 Datasheet HTML 8Page - Vitesse Semiconductor Corporation VSC8162 Datasheet HTML 9Page - Vitesse Semiconductor Corporation VSC8162 Datasheet HTML 10Page - Vitesse Semiconductor Corporation VSC8162 Datasheet HTML 11Page - Vitesse Semiconductor Corporation VSC8162 Datasheet HTML 12Page - Vitesse Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
VITESSE
SEMICONDUCTOR CORPORATION
Advance Product Information
VSC8162
2.488 Gbit/sec SONET/SDH
1:16 Demux with Clock Recovery
Page 8
© VITESSE SEMICONDUCTOR CORPORATION
741 Calle Plano, Camarillo, CA 93012 • 805/388-3700 • FAX: 805/987-5896
9/14/98
G52209-0, Rev. 2.0
D[0-15]+/-, PARITY+/-, CLK16+/- Outputs:
The D[0:15]+/-, PARITY+/-, and CLK16+/- output drivers are special-purpose output drivers designed for
low power dissipation. Four possible termination schemes are shown in Figures 6, 7, 8, and 9.
Figures 6 and 7 are the preferred termination methods. Figure 6 indicates a DC-differential termination
method, and Figure 7 is true differential termination. For interfacing the VSC8162 device directly to a
VSC8161, Figure 6 is preferred since the DC differential method does not force a DC common mode level at
the receiver. The VSC8161 input receivers have internal DC bias resistor that allow them to set their own DC
bias level.
Figure 6: Low-Speed Output Termination #1
Figure 7: Low-Speed Output Termination #2
8162
0.1
µF
Zo = 50Ω
Zo = 50Ω
50
Ω
50
Ω
Receiving Device
0.1
µF
0.1
µF
8162
0.1
µF
0.1
µF
100
Ω
Zo = 50Ω
Zo = 50Ω
Receiving Device



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com