Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

CS5525-AS Datasheet(PDF) 9 Page - Cirrus Logic

Part # CS5525-AS
Description  16 BIT / 20 BIT MULTI RANGE ADC WITH 4 BIT LATCH
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5525-AS Datasheet(HTML) 9 Page - Cirrus Logic

Back Button CS5525-AS Datasheet HTML 5Page - Cirrus Logic CS5525-AS Datasheet HTML 6Page - Cirrus Logic CS5525-AS Datasheet HTML 7Page - Cirrus Logic CS5525-AS Datasheet HTML 8Page - Cirrus Logic CS5525-AS Datasheet HTML 9Page - Cirrus Logic CS5525-AS Datasheet HTML 10Page - Cirrus Logic CS5525-AS Datasheet HTML 11Page - Cirrus Logic CS5525-AS Datasheet HTML 12Page - Cirrus Logic CS5525-AS Datasheet HTML 13Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
CS5525 CS5526
DS202F3
9
Figure 4 illustrates the CS5525/26 connected to
measure ground referenced unipolar signals of a
positive polarity using the 1 V, 2.5 V, and 5 V input
voltage ranges on the converter. For the 25 mV, 55
mV, and 100 mV ranges the signal must have a
common mode near +2.5 V (NBV = 0V).
The CS5525/26 are optimized for the measurement
of thermocouple outputs, but they are also well
suited for the measurement of ratiometric bridge
transducer
outputs.
Figure 5
illustrates
the
CS5525/26 connected to measure the output of a
ratiometric differential bridge transducer while op-
erating from a single +5 V supply.
-5 V
NB V
30.1K
34.8K
2N 5087
or sim ila r
-5 V
2.1K
2.0K
NB V
+
10
µF
10
µF
+
Figure 2. Charge Pump Drive Circuit for VD+ = 3 V.
Figure 3. Alternate NBV Circuits.
XO U T
VD +
VA+
VR EF+
VR EF -
DG ND
NBV
AIN +
AIN -
SC L K
SD O
SD I
C S 5525
XIN
CPD
CS
10
Ω
+5 V
A nalo g
S upply
0.1
µ F
0.1 µ F
20
19
3
4
1
AG N D
21 3
11
14
17
18
12
5
Se ria l
Data
In te rfa ce
8
2.5V
0 to + 5V Input
C S 5526
16
A3
15
A2
7
A1
6
A0
+
-
C M = 0 to VA+
10
9
O p tional
Clo c k
S ourc e
32.76 8 ~ 100kH z
20 pF
50 0k
Ω
Figure 4. CS5525/26 Configured for ground-referenced Unipolar Signals.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com