Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

EL2125 Datasheet(PDF) 6 Page - Intersil Corporation

Part # EL2125
Description  Ultra-Low Noise, Low Power, Wideband Amplifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL2125 Datasheet(HTML) 6 Page - Intersil Corporation

Back Button EL2125 Datasheet HTML 2Page - Intersil Corporation EL2125 Datasheet HTML 3Page - Intersil Corporation EL2125 Datasheet HTML 4Page - Intersil Corporation EL2125 Datasheet HTML 5Page - Intersil Corporation EL2125 Datasheet HTML 6Page - Intersil Corporation EL2125 Datasheet HTML 7Page - Intersil Corporation EL2125 Datasheet HTML 8Page - Intersil Corporation EL2125 Datasheet HTML 9Page - Intersil Corporation EL2125 Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
6
FN7045.2
April 21, 2005
FIGURE 11. NON-INVERTING FREQUENCY RESPONSE FOR
VARIOUS CL
FIGURE 12. NON-INVERTING FREQUENCY RESPONSE FOR
VARIOUS CL
FIGURE 13. INVERTING FREQUENCY RESPONSE FOR
VARIOUS CL
FIGURE 14. INVERTING FREQUENCY RESPONSE FOR
VARIOUS CL
FIGURE 15. OPEN LOOP GAIN AND PHASE
FIGURE 16. SUPPLY CURRENT vs SUPPLY VOLTAGE
Typical Performance Curves (Continued)
5
3
1
-1
-3
-5
1M
10M
100M 200M
FREQUENCY (Hz)
VS=±5V
AV=10
RF=180Ω
RL=500Ω
CL=28.5pF
CL=16pF
CL=5pF
CL=1pF
0
5
-5
1M
10M
100M 200M
FREQUENCY (Hz)
VS=±5V
AV=10
RF=700Ω
RL=500Ω
CL=17pF
CL=11pF
CL=1.2pF
CL=5pF
6
0
1M
10M
100M
300M
FREQUENCY (Hz)
-14
CL=29.4pF
CL=16.4pF
CL=5.1pF
CL=1.2pF
VS=±5V
AV=10
RF=350Ω
RL=500Ω
CL=11.4pF
6
2
-2
-6
-10
-14
1M
10M
100M
300M
FREQUENCY (Hz)
CL=29.4pF
CL=16.4pF
CL=11.4pF
CL=5.1pF
CL=1.2pF
VS=±15V
AV=10
RF=500Ω
RL=500Ω
0
40
20
10K
10M
60
80
100
100K
100M
FREQUENCY (Hz)
1M
-250
-50
-150
50
150
250
400M
GAIN
PHASE
VS=±5V
0
0
SUPPLY VOLTAGE (±V)
4.8
12
2.4
312
15
9.6
7.2
69
EL2125



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com