Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

FDC37N769 Datasheet(PDF) 21 Page - SMSC Corporation

Part # FDC37N769
Description  3.3V SUPER I/O CONTROLLER WITH INFRARED SUPPORT FOR PORTABLE APPLICATIONS
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

FDC37N769 Datasheet(HTML) 21 Page - SMSC Corporation

Back Button FDC37N769 Datasheet HTML 17Page - SMSC Corporation FDC37N769 Datasheet HTML 18Page - SMSC Corporation FDC37N769 Datasheet HTML 19Page - SMSC Corporation FDC37N769 Datasheet HTML 20Page - SMSC Corporation FDC37N769 Datasheet HTML 21Page - SMSC Corporation FDC37N769 Datasheet HTML 22Page - SMSC Corporation FDC37N769 Datasheet HTML 23Page - SMSC Corporation FDC37N769 Datasheet HTML 24Page - SMSC Corporation FDC37N769 Datasheet HTML 25Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 138 page
background image
SMSC DS – FDC37N769
Page 21 of 137
Rev. 12/21/2000
DMAEN, Bit 3
PC/AT and Model 30 Interface Mode
In PC/AT and Model 30 mode writing this bit to logic “1” will enable the DRQ, nDACK, TC and FINTR outputs. This
bit being a logic “0” will disable the nDACK and TC inputs, and hold the DRQ and FINTR outputs in a high impedance
state. In PC/AT and Model 30 mode the DMAEN bit is a logic “0” after a reset.
PS/2 Interface Mode
In PS/2 mode the DRQ, nDACK, TC and FINTR pins are always enabled. During a reset the DRQ, nDACK, TC, and
FINTR pins will remain enabled, but the DMAEN bit will be cleared to a logic “0”.
MOTOR ENABLE 0, Bit 4
This bit controls the MTR0 disk interface output. A logic “1” in this bit will cause the output pin to go active.
MOTOR ENABLE 1, Bit 5
This bit controls the MTR1 disk interface output. A logic “1” in this bit will cause the output pin to go active.
MOTOR ENABLE 2, Bit 6
The MOTOR ENABLE 2 bit controls the MTR2 disk interface output. A logic “1” in this bit will cause the output pin to
go active.
MOTOR ENABLE 3, Bit 7
The MOTOR ENABLE 3 bit controls the MTR3 disk interface output. A logic “1” in this bit causes the output to go
active.
Table 10 - Drive Activation Values
DRIVE
DOR VALUE
0
1CH
1
2DH
2
4EH
3
8FH
Drive Select Encoding
The FDC37N769 can support two types of drive select encoding: Internal 2 Drive decoding (Table 11) and External 2-
to-4 Drive decoding (Table 13). Internal 2 Drive decoding specifies support for a maximum of two floppy drives.
External 2-to-4 Drive decoding expands support for four floppy drives but requires an external 2-to-4 decoder. The
drive select encoding is determined by the EXTx4 bit in CR05.
The FDC37N769 can also internally swap drive 0 and drive 1 using the Swap Drv 0, 1 bit in CR05. Table 12
illustrates Internal 2-Drive decoding with drive 0 and drive 1 swapped. Table 14 illustrates External 2-to-4 Drive
decoding with drive 0 and drive 1 swapped.
Table 11 - Internal 2 Drive Decode: Drives 0 and 1 Not Swapped
DIGITAL OUTPUT REGISTER
DRIVE SELECT OUTPUTS
(ACTIVE LOW)
MOTOR ON OUTPUTS
(ACTIVE LOW)
Bit 7
Bit 6
Bit 5
Bit 4
Bit1
Bit 0
nDS1
nDS0
nMTR1
nMTR0
X
X
X
1
0
0
1
0
nBIT 5
nBIT 4
X
X
1
X
0
1
0
1
nBIT 5
nBIT 4
X
1
X
X
1
0
1
1
nBIT 5
nBIT 4
1
X
X
X
1
1
1
1
nBIT 5
nBIT 4
0
0
0
0
X
X
1
1
nBIT 5
nBIT 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com