Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ALFT-03A Datasheet(PDF) 1 Page - Abracon Corporation

Part # ALFT-03A
Description  AC Line Filters Common Mode Choke Coil
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ALFT-03A Datasheet(HTML) 1 Page - Abracon Corporation

  ALFT-03A Datasheet HTML 1Page - Abracon Corporation ALFT-03A Datasheet HTML 2Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ALFT-03A
AC Line Filters Common Mode Choke Coil
18.0 x 23.9 x 21.6mm
RoHS/RoHS II Compliant
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
ABRACON IS
ISO 9001:2008
CERTIFIED
30332Esperanza, Rancho Santa Margarita, California 92688
tel 949-546-8000 | fax 949-546-8001 | www.abracon.com
Revised: 02.06.15
Visit www.abracon.com for Terms & Conditions of Sale
ELECTRICAL SPECIFICATIONS:
APPLICATIONS:
FEATURES:
• Filtering common mode noise in USB, IEEE1394, LVDS, Digital
Camera, Scanner.
• Digital audio and video equipments such as PDA, DSC, DVC, DVD
Player.
• Presents High Common Mode Impedance
• Enables significant noise suppression at high frequency
Part Number
Common Mode Inductance
Min (mH) 1-2/4-3
Rated Current
Max (A)
DCR
Max (Ω)
Rated
Voltage (V)
Insulation Resistance
Min (M Ω)
ALFT-03A-1
105
0.2
10.0
250
100
ALFT-03A-2
45
0.3
2.5
250
100
ALFT-03A-3
26
0.4
1.5
250
100
ALFT-03A-4
19
0.5
1.2
250
100
ALFT-03A-5
12
0.6
1.0
250
100
ALFT-03A-6
10
0.7
0.80
250
100
ALFT-03A-7
7.0
0.8
0.80
250
100
ALFT-03A-8
5.5
1.0
0.75
250
100
ALFT-03A-9
4.30
1.1
0.70
250
100
ALFT-03A-10
2.7
1.3
0.68
250
100
ALFT-03A-11
2.1
1.5
0.60
250
100
ALFT-03A-12
1.7
1.7
0.60
250
100
ALFT-03A-13
1.0
2.2
0.40
250
100
ALFT-03A-14
0.6
3.0
0.38
250
100
Test Conditions
Test Freq for L: 1KHz, 0.1Vrms
Turns Ratio: 1:1 ± 2%
Hi-Pot: 2000VRMS
Operating Temperature
-25˚C to +85˚C
Storage Temperature
-25˚C to +85˚C


Similar Part No. - ALFT-03A

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ALFT-04 ABRACON-ALFT-04 Datasheet
819Kb / 2P
Common Mode Line Filter
03.12.14
ALFT-04-1 ABRACON-ALFT-04-1 Datasheet
819Kb / 2P
Common Mode Line Filter
03.12.14
ALFT-04-10 ABRACON-ALFT-04-10 Datasheet
819Kb / 2P
Common Mode Line Filter
03.12.14
ALFT-04-2 ABRACON-ALFT-04-2 Datasheet
819Kb / 2P
Common Mode Line Filter
03.12.14
ALFT-04-3 ABRACON-ALFT-04-3 Datasheet
819Kb / 2P
Common Mode Line Filter
03.12.14
More results

Similar Description - ALFT-03A

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
SLF0905TTEB102Y KOA-SLF0905TTEB102Y Datasheet
334Kb / 1P
common mode choke coil
logo
Murata Manufacturing Co...
PLA10AN3030R4R2B MURATA-PLA10AN3030R4R2B Datasheet
88Kb / 3P
AC Line Filters Common Mode Choke Coil
PLA10AN1522R0R2M MURATA-PLA10AN1522R0R2M Datasheet
88Kb / 3P
AC Line Filters Common Mode Choke Coil PLA10 Series
PLA10AS2230R4D2B MURATA-PLA10AS2230R4D2B Datasheet
89Kb / 3P
AC Line Filters Common Mode Choke Coil
logo
Sumida Corporation
LF2420B SUMIDA-LF2420B Datasheet
277Kb / 1P
AC Common Mode Choke Coil
CPFC43 SUMIDA-CPFC43 Datasheet
50Kb / 1P
Common Mode Choke Coil
NFC1825 SUMIDA-NFC1825 Datasheet
207Kb / 2P
AC Common Mode Choke Coil
logo
DONG IL TECHNOLOGY LTD.
LC4 DIT-LC4 Datasheet
1Mb / 2P
COMMON MODE CHOKE COIL
LS3 DIT-LS3 Datasheet
1Mb / 2P
COMMON MODE CHOKE COIL
LS6 DIT-LS6 Datasheet
1Mb / 2P
COMMON MODE CHOKE COIL
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com