Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LM99 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM99
Description  짹1C Accurate, High Temperature, Remote Diode Temperature Sensor with Two-Wire Interface
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM99 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LM99 Datasheet HTML 1Page - National Semiconductor (TI) LM99 Datasheet HTML 2Page - National Semiconductor (TI) LM99 Datasheet HTML 3Page - National Semiconductor (TI) LM99 Datasheet HTML 4Page - National Semiconductor (TI) LM99 Datasheet HTML 5Page - National Semiconductor (TI) LM99 Datasheet HTML 6Page - National Semiconductor (TI) LM99 Datasheet HTML 7Page - National Semiconductor (TI) LM99 Datasheet HTML 8Page - National Semiconductor (TI) LM99 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
Absolute Maximum Ratings (Note 1)
Supply Voltage
−0.3 V to 6.0 V
Voltage at SMBData, SMBCLK,
ALERT, T_CRIT_A
−0.5 V to 6.0 V
Voltage at Other Pins
−0.3 V to
(V
DD + 0.3 V)
D− Input Current
±1mA
Input Current at All Other Pins
(Note 2)
±5mA
Package Input Current
(Note 2)
30 mA
SMBData, ALERT, T_CRIT_A Output
Sink Current
10 mA
Storage Temperature
−65˚C to
+150˚C
Soldering Information, Lead Temperature
MSOP-8 Packages (Note 3)
Vapor Phase (60 seconds)
215˚C
Infrared (15 seconds)
220˚C
ESD Susceptibility (Note 4)
Human Body Model
2000 V
Machine Model
200 V
Operating Ratings
(Notes 1, 5)
Operating Temperature Range
0˚C to +125˚C
Electrical Characteristics
Temperature Range
T
MIN
≤ T
A
≤ T
MAX
LM99
0˚C
≤ T
A
≤ +85˚C
Supply Voltage Range (V
DD)
+3.0 V to +3.6 V
Temperature-to-Digital Converter Characteristics
Unless otherwise noted, these specifications apply for V
DD = +3.0 Vdc to +3.6 Vdc. Boldface limits apply for TA =TJ =TMIN
≤ T
A
≤ T
MAX; all other limits TA =TJ = +25˚C, unless otherwise noted.
Parameter
Conditions
Typical
Limits
Units
(Note 6)
(Note 7)
(Limit)
Temperature Error Using Local Diode
T
A = +25˚C to +125˚C, (Note 8)
±1
±3
˚C (max)
Temperature Error Using Remote Diode
Connected Transistor (T
D is the Remote
Diode Junction Temperature)
T
D =TLM99 + 16˚C
T
A = +30˚C to +50˚C and TD =
+120˚C to +140˚C
±1
˚C (max)
T
A = +0˚C to +85˚C and TD =
+25˚C to +140˚C
±3
˚C (max)
Remote Diode Measurement Resolution
11
Bits
0.125
˚C
Local Diode Measurement Resolution
8
Bits
1˚C
Conversion Time of All Temperatures at the
Fastest Setting
(Note 10)
31.25
34.4
ms (max)
Quiescent Current (Note 9)
SMBus Inactive, 16 Hz
conversion rate
0.8
1.7
mA (max)
Shutdown
315
µA
D− Source Voltage
0.7
V
Diode Source Current
(V
D+ −VD−) = + 0.65 V; high
level
160
315
µA (max)
110
µA (min)
Low level
13
20
µA (max)
7
µA (min)
ALERT and T_CRIT_A Output Saturation
Voltage
I
OUT = 6.0 mA
0.4
V (max)
Power-On-Reset (POR) Threshold
Measure on V
DD input, falling
edge
2.4
1.8
V (max)
V (min)
Local and Remote HIGH Default Temperature
settings
(Note 11) Add 16˚C for true
Remote Temperature.
+70
˚C
Local and Remote LOW Default Temperature
settings
(Note 11) Add 16˚C for true
Remote Temperature.
0˚C
Local T_CRIT Default Temperature Setting
(Note 11)
+85
˚C
Remote T_CRIT Default Temperature Setting
(Note 11) Add 16˚C for 126˚C
true Remote T_CRIT Setting
+110
˚C
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com