Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LM4899 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4899
Description  1 Watt Fully Differential Audio Power Amplifier With Shutdown Select and Fixed 6dB Gain
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4899 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LM4899 Datasheet HTML 1Page - National Semiconductor (TI) LM4899 Datasheet HTML 2Page - National Semiconductor (TI) LM4899 Datasheet HTML 3Page - National Semiconductor (TI) LM4899 Datasheet HTML 4Page - National Semiconductor (TI) LM4899 Datasheet HTML 5Page - National Semiconductor (TI) LM4899 Datasheet HTML 6Page - National Semiconductor (TI) LM4899 Datasheet HTML 7Page - National Semiconductor (TI) LM4899 Datasheet HTML 8Page - National Semiconductor (TI) LM4899 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Electrical Characteristics V
DD =3V (Notes 1, 2, 8)
The following specifications apply for V
DD = 3V and 8
Ω load unless otherwise specified. Limits apply for T
A =
25˚C. (Continued)
Symbol
Parameter
Conditions
LM4899
Units
(Limits)
Typical
Limit
(Note 6)
(Note 7)
PSRR
Power Supply Rejection Ratio
V
ripple = 200mV sine p-p
f = 217Hz (Note 9)
83
dB
f = 1kHz (Note 9)
84
f = 217Hz (Note 10)
83
f = 1kHz (Note 10)
83
CMRR
Common-Mode Rejection Ratio
f = 217Hz, V
CM = 200mVpp
50
dB
V
OS
Offset Voltage
V
IN =0V
2
mV
V
SDIH
Shutdown Voltage Input High
SD Mode = GND
0.8
V
V
SDIL
Shutdown Voltage Input Low
SD Mode = GND
0.6
V
V
SDIH
Shutdown Voltage Input High
SD Mode = V
DD
0.8
V
V
SDIL
Shutdown Voltage Input Low
SD Mode = V
DD
0.6
V
Note 1: All voltages are measured with respect to the ground pin, unless otherwise specified.
Note 2: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is
functional, but do not guarantee specific performance limits. Electrical Characteristics state DC and AC electrical specifications under particular test conditions which
guarantee specific performance limits. This assumes that the device is within the Operating Ratings. Specifications are not guaranteed for parameters where no limit
is given, however, the typical value is a good indication of device performance.
Note 3: The maximum power dissipation must be derated at elevated temperatures and is dictated by TJMAX, θJA, and the ambient temperature TA. The maximum
allowable power dissipation is PDMAX =(TJMAX–TA)/θJA or the number given in Absolute Maximum Ratings, whichever is lower. For the LM4899, see power derating
currents for additional information.
Note 4: Human body model, 100pF discharged through a 1.5k
Ω resistor.
Note 5: Machine Model, 220pF–240pF discharged through all pins.
Note 6: Typicals are measured at 25˚C and represent the parametric norm.
Note 7: Datasheet min/max specification limits are guaranteed by design, test, or statistical analysis.
Note 8: For micro SMD only, shutdown current is measured in a Normal Room Environment. Exposure to direct sunlight will increase ISD by a maximum of 2µA.
Note 9: Unterminated input.
Note 10: 10
Ω terminated input.
Note 11: : When driving 4
Ω loads from a 5V power supply, the LM4899LD must be mounted to a circuit board with the exposed-DAP area soldered down to a 1sq.
in plane of 1oz. copper.
External Components Description (Figure 1)
Components
Functional Description
1.
C
S
Supply bypass capacitor which provides power supply filtering. Refer to the Power Supply Bypassing
section for information concerning proper placement and selection of the supply bypass capacitor.
2.
C
B
Bypass pin capacitor which provides half-supply filtering. Refer to the section, Proper Selection of External
Components, for information concerning proper placement and selection of C
B.
www.national.com
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com