Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LMV301 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMV301
Description  Low Input Bias Current, 1.8V Op Amp w/ Rail-to-Rail Output
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV301 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LMV301 Datasheet HTML 1Page - National Semiconductor (TI) LMV301 Datasheet HTML 2Page - National Semiconductor (TI) LMV301 Datasheet HTML 3Page - National Semiconductor (TI) LMV301 Datasheet HTML 4Page - National Semiconductor (TI) LMV301 Datasheet HTML 5Page - National Semiconductor (TI) LMV301 Datasheet HTML 6Page - National Semiconductor (TI) LMV301 Datasheet HTML 7Page - National Semiconductor (TI) LMV301 Datasheet HTML 8Page - National Semiconductor (TI) LMV301 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales
Office/Distributors for availability and specifications.
ESD Tolerance (Note 7)
Machine Model
200V
Human Body Model
2000V
Differential Input Voltage
±Supply Voltage
Supply Voltage (V
+ -V)
5.5V
Output Short Circuit to V
+ (Note 2)
Output Short Circuit to V
− (Note 2)
Storage Tempeature Range
−65˚C to 150˚C
Mounting Temperature
Infrared or Convection (20 sec)
235˚C
Junction Temperature (Note 3)
150˚C
Operating Ratings(Note 1)
Supply Voltage
1.8V to 5.0V
Temperature Range
−40˚C
≤ T
J ≤ +85˚C
Thermal Resistance (
θ
JA)
Ultra Tiny SC70-5 Package
5-pin Surface Mount
478˚C/W
1.8V DC Electrical Characteristics Unless otherwise specified, all limits guaranteed for T
J = 25˚C. V
+
= 1.8V, V
= 0V, V
CM =V
+/2, V
O =V
+/2, and R
L > 1MΩ. Boldface limits apply at the temperature extremes.
Symbol
Parameter
Condition
Min
(Note 5)
Typ
(Note 4)
Max
(Note 5)
Units
V
OS
Input Offset Voltage
V
CM = 0.4V, V
+ = 1.3V, = V= −0.5V
0.9
8
9
mV
I
B
Input Bias Current
0.182
35
50
pA
I
S
Supply Current
V
CM = 0.4V, V
+ = 1.3V, = V= −0.5V
150
250
275
µA
CMRR
Common Mode Rejection
Ratio
0.3V
≤ V
CM ≤ 0.9V
62
60
108
dB
PSRR
Power Supply Rejection
Ratio
1.8V
≤ V+ ≤ 5V,
0.9
≤ V
CM ≤ 2.5V
67
62
110
dB
V
CM
Input Common-Mode Voltage
Range
For CMRR
≥ 50dB
−0.3
0
0.6
V
A
V
Large Signal Voltage Gain
Sourcing
R
L = 600Ω to 0V, V
+ = 1.2V, V=
−0.6V, V
O = −0.2V to 0.8V, VCM =0V
80
75
119
dB
R
L =2kΩ to 0V, V
+ = 1.2V, V=
−0.6V, V
O = −0.2V to 0.8V, VCM =0V
80
75
111
Sinking
R
L = 600Ω to 0V, V
+ = 1.2V, V=
−0.6V, V
O = −0.2V to 0.8V, VCM =0V
80
75
94
dB
R
L =2kΩ to 0V, V
+ = 1.2V, V=
−0.6V, V
O = −0.2V to 0.8V, VCM =0V
80
75
96
V
O
Output Swing
R
L = 600Ω to 0.9V
V
IN = ±100mV
V
OH
1.65
1.63
1.72
V
V
OL
0.074
0.100
V
R
L =2kΩ to 0.9V
V
IN = ±100mV
V
OH
1.75
1.74
1.77
V
V
OL
0.024
0.035
0.040
V
I
O
Output Short Circuit Current
Sourcing,
V
O = 0V, VIN = 100mV
4
3.3
8.4
mA
Sinking,
V
O = 1.8V, VIN = −100mV
7
9.8
mA
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com