Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

NCP1653 Datasheet(PDF) 5 Page - ON Semiconductor

Part # NCP1653
Description  PFC Controller
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1653 Datasheet(HTML) 5 Page - ON Semiconductor

  NCP1653_15 Datasheet HTML 1Page - ON Semiconductor NCP1653_15 Datasheet HTML 2Page - ON Semiconductor NCP1653_15 Datasheet HTML 3Page - ON Semiconductor NCP1653_15 Datasheet HTML 4Page - ON Semiconductor NCP1653_15 Datasheet HTML 5Page - ON Semiconductor NCP1653_15 Datasheet HTML 6Page - ON Semiconductor NCP1653_15 Datasheet HTML 7Page - ON Semiconductor NCP1653_15 Datasheet HTML 8Page - ON Semiconductor NCP1653_15 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
NCP1653, NCP1653A
www.onsemi.com
5
ELECTRICAL CHARACTERISTICS (For typical values TJ = 25°C. For min/max values, TJ = −40°C to +125°C, VCC = 15 V,
IFB = 100 mA, Ivac = 30 mA, IS = 0 mA, unless otherwise specified)
Characteristics
Unit
Max
Typ
Min
Symbol
Pin
SUPPLY SECTION
Supply Voltage
UVLO Startup Threshold
Minimum Operating Voltage after Startup
UVLO Hysteresis
8
VCC(on)
VCC(off)
VCC(H)
12.25
8.0
4.0
13.25
8.7
4.55
14.5
9.5
V
V
V
Supply Current:
Startup (VCC = VCC(on) − 0.2 V)
Startup (VCC < 8.0 V, IFB = 200 mA)
Startup (8.0 V < VCC < VCC(on) − 0.2 V, IFB = 200 mA)
Startup (VCC < VCC(on) − 0.2 V, IFB = 0 mA) (Note 5)
Operating (VCC = 15 V, Drv = open, VM = 3 V)
Operating (VCC = 15 V, Drv = 1 nF to Gnd, VM = 1 V)
Shutdown (VCC = 15 V and IFB = 0 A)
8
Istup
Istup1
Istup2
Istup3
ICC1
ICC2
Istdn
18
0.95
21
21
3.7
4.7
33
50
1.5
50
50
5.0
6.0
50
mA
mA
mA
mA
mA
mA
mA
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
5. Please refer to the “Biasing the Controller” Section in the Functional Description.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com