Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MIC2199 Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MIC2199
Description  300kHz 4mm4mm Synchronous Buck Converter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2199 Datasheet(HTML) 4 Page - Micrel Semiconductor

  MIC2199 Datasheet HTML 1Page - Micrel Semiconductor MIC2199 Datasheet HTML 2Page - Micrel Semiconductor MIC2199 Datasheet HTML 3Page - Micrel Semiconductor MIC2199 Datasheet HTML 4Page - Micrel Semiconductor MIC2199 Datasheet HTML 5Page - Micrel Semiconductor MIC2199 Datasheet HTML 6Page - Micrel Semiconductor MIC2199 Datasheet HTML 7Page - Micrel Semiconductor MIC2199 Datasheet HTML 8Page - Micrel Semiconductor MIC2199 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
MIC2199
Micrel
MIC2199
4
November 2004
Parameter
Condition
Min
Typ
Max
Units
Frequency Foldback Threshold
measured at V
OUT pin
0.25
0.40
0.55
V
Foldback Frequency
75
kHz
Gate Drivers
Rise/Fall Time
C
L = 3000pF
60
ns
Output Driver Impedance
source
5
8.5
sink
3.5
6
Driver Non-Overlap Time
80
ns
Note 1.
Exceeding the absolute maximum rating may damage the device.
Note 2.
The device is not guaranteed to function outside its operating rating.
Note 3.
Devices are ESD protected; however, handling precautions are recommended. Human body model, 1.5k in series with 100pF.
Note 4.
Specification for packaged product only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com