Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

100203210171 Datasheet(PDF) 1 Page - ERNI Electronics

Part # 100203210171
Description  Messerleiste C 96 Lot
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERNI [ERNI Electronics]
Direct Link  http://www.erni.com
Logo ERNI - ERNI Electronics

100203210171 Datasheet(HTML) 1 Page - ERNI Electronics

  100203210171 Datasheet HTML 1Page - ERNI Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
E S L
Stecklänge / mating length
E =
early mate, late break / voreilend
S = standard
L = late mate, early break / nacheilend
3,95
31x2,54=78,74
2,54
2,54
31 x 2,54 (=78,74)
c32
c1
a1
a32
85,2
+0,2
Messerleiste C 96 Löt
Scale
All Dimensions
I
Information:
Tolerances
05.09.2016
Male Connector C96 solder
STVC
in mm
Designation
Drawing will not be updated.
version of this drawing, please
before using.
Class
100203210171
2:1
contact one of the ERNI companies
Index
A3
b
www.ERNI.com
All rights reserved.
Only for Information.
To ensure that this is the latest
Subject to modification without
prior notice.
Date
a b c
-0,4
3
±0,1
6
Datum
ERNI
ERNI
ERNI
ERNI
date
XXXXXXX
XXXXXXX
XXXXXXX
XXXXXXX
Stecklänge
RC 2
RC 2
RC 2
RC 2
mating length
Anforderungsstufe
class
max.94
87,5
2,5
88,9
+0,1
alle Löcher/
5
31
19
Leiterplatten-Lochbild /
PCB drillhole pattern
1
30
26
18
22
10
3
32
c
13
24
7
28
all holes
25
14
27
20
16
21
12
4
9 8
23
6
15
29
2
17
a
b
11
0,05
1 ±0,1
2,8
+0,1
88,9
Isolierwerkstoff
/ housing material : PBT GF 30
Bauart 4 / t
ype 4
Anforderungsstufe 2 = 400 Steckzyklen /
performance class 2 = 400 mating cycles
Fehlende Maße und Angaben nach IEC 60 603-2 / DIN EN 60 603-2
Missing information and dimensions per IEC 60 603-2 / DIN EN 60 603-2
Lötanschluss 0,6x0,6mm
/ solder terminal 0,6x0,6mm
S
S
S
S
22
23
24
25
27
28
29
30
31
1
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
21
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
26
S
S
S
S
S
S
S
S
S
S
S
S
contact layout
c
b
a
2
3
4
5
6
7
8
9
10
11
19
12
13
14
15
16
17
20
18
Bestückungsplan /
32


Similar Part No. - 100203210171

ManufacturerPart #DatasheetDescription
logo
ERNI Electronics
100203210170 ERNI-100203210170 Datasheet
85Kb / 1P
M 2.54 DRC-Q, 20-polig
100203210172 ERNI-100203210172 Datasheet
205Kb / 1P
Federleiste TE128 Lot
More results

Similar Description - 100203210171

ManufacturerPart #DatasheetDescription
logo
ERNI Electronics
374980 ERNI-374980 Datasheet
69Kb / 1P
Messerleiste C 96 LOT Clip
100100760001 ERNI-100100760001 Datasheet
565Kb / 1P
MESSERLEISTE C 64 LOT
100100760002 ERNI-100100760002 Datasheet
611Kb / 1P
MESSERLEISTE C 96 LOT
100103210038 ERNI-100103210038 Datasheet
79Kb / 1P
Messerleiste C 64 Lot
100103210163 ERNI-100103210163 Datasheet
99Kb / 1P
Messerleiste C 96 Lot Clip
100203210160 ERNI-100203210160 Datasheet
94Kb / 1P
Messerleiste C 96 Lot
100203210115 ERNI-100203210115 Datasheet
79Kb / 1P
Messerleiste C 64 Lot
100203210081 ERNI-100203210081 Datasheet
93Kb / 1P
Messerleiste C 96 Lot
100303210171 ERNI-100303210171 Datasheet
131Kb / 1P
Messerleiste R 96 Lot
100603210149 ERNI-100603210149 Datasheet
81Kb / 1P
Messerleiste C 64 Lot
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com