Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

DS96F173M Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS96F173M
Description  Quad Differential Receivers
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS96F173M Datasheet(HTML) 1 Page - National Semiconductor (TI)

  DS96F173M Datasheet HTML 1Page - National Semiconductor (TI) DS96F173M Datasheet HTML 2Page - National Semiconductor (TI) DS96F173M Datasheet HTML 3Page - National Semiconductor (TI) DS96F173M Datasheet HTML 4Page - National Semiconductor (TI) DS96F173M Datasheet HTML 5Page - National Semiconductor (TI) DS96F173M Datasheet HTML 6Page - National Semiconductor (TI) DS96F173M Datasheet HTML 7Page - National Semiconductor (TI) DS96F173M Datasheet HTML 8Page - National Semiconductor (TI) DS96F173M Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
DS96F173M/DS96F175C/DS96F175M
EIA-485/EIA-422 Quad Differential Receivers
General Description
The DS96F173 and the DS96F175 are high speed quad dif-
ferential line receivers designed to meet the EIA-485 stan-
dard. The DS96F173 and the DS96F175 offer improved per-
formance due to the use of L-FAST bipolar technology. The
use of LFAST technology allows the DS96F173 and
DS96F175 to operate at higher speeds while minimizing
power consumption.
The DS96F173 and the DS96F175 have TRI-STATE® out-
puts and are optimized for balanced multipoint data bus
transmission at rates up to 15 Mbps. The receivers feature
high input impedance, input hysteresis for increased noise
immunity, and input sensitivity of 200 mV over a common
mode input voltage range of −7V to +12V. The receivers are
therefore suitable for multipoint applications in noisy environ-
ments. The DS96F173 features an active high and active
low Enable, common to all four receivers. The DS96F175
features separate active high Enables for each receiver pair.
Features
n
Meets EIA-485, EIA-422A, EIA-423A standards
n
Designed for multipoint bus applications
n
TRI-STATE outputs
n
Common mode input voltage range: −7V to +12V
n
Operates from single +5.0V supply
n
Reduced power consumption (I
CC = 50 mA max)
n
Input sensitivity of ±200 mV over common mode range
n
Input hysteresis of 50 mV typical
n
High input impedance
n
Military temperature range available
n
Qualified for MIL STD 883C
n
Available to standard military drawings (SMD)
n
Available in DIP(J), LCC(E), and FlatPak (W) packages
n
DS96F173 and DS96F175 are lead and function
compatible with SN75173/175 or the
AM26LS32/MC3486
Logic Diagrams
Function Tables
(Each Receiver) DS96F173
Differential Inputs
Enable
Output
A–B
E
E
Y
V
ID ≥ 0.2V
H
X
H
XL
H
V
ID ≤ −0.2V
H
X
L
XL
L
XL
X
Z
XX
H
Z
H = High Level
L = Low Level
Z = High Impedance (off)
X = Don’t Care
(Each Receiver) DS96F175
Differential Inputs
Enable
Output
A–B
E
Y
V
ID ≥ 0.2V
H
H
V
ID ≤ −0.2V
H
L
XL
Z
TRI-STATE® is a registered trademark of National Semiconductor Corporation.
DS009627-10
DS96F175
DS009627-11
July 2000
© 2000 National Semiconductor Corporation
DS009627
www.national.com


Similar Part No. - DS96F173M

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS96F173M TI1-DS96F173M Datasheet
280Kb / 12P
DS96F173M/DS96F175C/DS96F175M EIA-485/EIA-422 Quad Differential Receivers
logo
National Semiconductor ...
DS96F173ME/883 NSC-DS96F173ME/883 Datasheet
238Kb / 10P
Quad Differential Receivers
logo
Texas Instruments
DS96F173ME/883 TI1-DS96F173ME/883 Datasheet
445Kb / 14P
DS96F173MQML/DS96F175MQML EIA-485/EIA-422 Quad Differential Receivers
logo
National Semiconductor ...
DS96F173MJ/883 NSC-DS96F173MJ/883 Datasheet
238Kb / 10P
Quad Differential Receivers
logo
Texas Instruments
DS96F173MJ/883 TI1-DS96F173MJ/883 Datasheet
445Kb / 14P
DS96F173MQML/DS96F175MQML EIA-485/EIA-422 Quad Differential Receivers
More results

Similar Description - DS96F173M

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS3650 NSC-DS3650 Datasheet
197Kb / 10P
Quad Differential Line Receivers
DS96F173C NSC-DS96F173C Datasheet
238Kb / 10P
Quad Differential Receivers
logo
Texas Instruments
TB3R1 TI-TB3R1 Datasheet
267Kb / 11P
QUAD DIFFERENTIAL PECL RECEIVERS
logo
National Semiconductor ...
DS26LS32C NSC-DS26LS32C Datasheet
140Kb / 6P
Quad Differential Line Receivers
DS1650 NSC-DS1650 Datasheet
217Kb / 8P
Quad Differential Line Receivers
logo
Texas Instruments
TB5R3 TI-TB5R3 Datasheet
627Kb / 15P
QUAD DIFFERENTIAL PECL RECEIVERS
TB3R2DR TI-TB3R2DR Datasheet
767Kb / 13P
QUAD DIFFERENTIAL PECL RECEIVERS
TB5R1DR TI-TB5R1DR Datasheet
894Kb / 16P
QUAD DIFFERENTIAL PECL RECEIVERS
MC3450 TI1-MC3450_08 Datasheet
152Kb / 9P
QUAD DIFFERENTIAL LINE RECEIVERS
TB3R1 TI1-TB3R1_17 Datasheet
789Kb / 13P
QUAD DIFFERENTIAL PECL RECEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com