Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SS310 Datasheet(PDF) 1 Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.

Part # SS310
Description  SCHOTTKY DIODES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOTTECH [GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.]
Direct Link  http://www.hottech.net.cn/
Logo HOTTECH - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.

SS310 Datasheet(HTML) 1 Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.

  SS310 Datasheet HTML 1Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD. SS310 Datasheet HTML 2Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page:P2-P1
Plastic-Encapsulate Diodes
GUANGDONG
HOTTECH
INDUSTRIAL
CO,. LTD.
FEATURES
Low forward voltage
High current capability
Low power loss, high efficiency
For use in low voltage high frequency inverters,
freewheeling, and polarity protection applications
Guarding for overvoltage protection
MECHANICAL
DATA
SMC (DO-214AB) molded plastic body
Polarity: color band denotes cathode end
Mounting Position: Any
MAXIMUM RATINGS
AND
ELECTRICAL
CHARACTERISTICS
Ratings at 25
OC ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive
load. For capacitive load, derate current by 20%.
Parameter
Symbol
s
SS32 SS33 SS34 SS35 SS36 SS38 SS39 SS310 Unit
Maximum Repetitive Peak Reverse Voltage
VRRM
20
30
40
50
60
80
90
100
V
Maximum RMS Voltage
VRMS
14
21
28
35
42
56
63
70
V
Maximum DC Blocking Voltage
VDC
20
30
40
50
60
80
90
100
V
Maximum Average Forward Rectified Current
at TL = 90 OC
IF(AV)
3
A
Peak Forward Surge Current, 8.3 ms Single Half
Sine Wave Superimposed on Rated Load (JEDEC
method)
IFSM
100
A
Maximum Forward Voltage at 3 A 1)
VF
0.5
0.75
0.85
V
Maximum DC Reverse Current
at Rated DC Blocking Voltage
TJ = 25 OC
IR
0.5
mA
TJ = 125 OC
20
10
Typical Thermal Resistance
RθJL
17
OC/W
Operating Junction Temperature Range
Tj
- 55 to + 125
OC
Storage Temperature Range
Tstg
- 55 to + 150
OC
1) Pulse test: 300 µs pulse width, 1% duty cycle
SS32---SS310
SCHOTTKY DIODES
10
DO-214AB (SMC)
0.125(3.17)
0.115(2.92)
0.245(6.22)
0.220(5.59)
0.280(7.11)
0.260(6.60)
0.103(2.62)
0.079(2.06)
0.060(1.52)
0.030(0.76)
0.012(0.305)
0.006(0.152)
0.320(8.13)
0.305(7.75)
0.008(0.203)
0.004(0.102)


Similar Part No. - SS310

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SS310 TSC-SS310 Datasheet
57Kb / 2P
3.0 AMPS. Surface Mount Schottky Barrier Rectifiers
SS310 TSC-SS310 Datasheet
142Kb / 2P
3.0 AMPS. Surface Mount Schottky Barrier Rectifiers
logo
DAESAN ELECTRONIC CORP.
SS310 DAESAN-SS310 Datasheet
289Kb / 2P
CURRENT 3.0Amperes VOLTAGE 20 to 100 Volts
logo
Galaxy Semi-Conductor H...
SS310 BILIN-SS310 Datasheet
86Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
TAITRON Components Inco...
SS310 TAITRON-SS310 Datasheet
200Kb / 4P
Surface Mount Schottky Barrier Rectifier
More results

Similar Description - SS310

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
BAT17 GE-BAT17 Datasheet
81Kb / 1P
SCHOTTKY DIODES
BAT46 GE-BAT46 Datasheet
41Kb / 2P
Schottky Diodes
BAT54 GE-BAT54 Datasheet
51Kb / 2P
Schottky Diodes
BAT54WS GE-BAT54WS Datasheet
39Kb / 2P
SCHOTTKY DIODES
LL103A GE-LL103A Datasheet
131Kb / 3P
Schottky Diodes
LL41 GE-LL41 Datasheet
42Kb / 2P
Schottky Diodes
SD101A GE-SD101A Datasheet
107Kb / 3P
Schottky Diodes
logo
Microdiode Semiconducto...
BAT43WS CHENDA-BAT43WS Datasheet
108Kb / 2P
SCHOTTKY DIODES
logo
AiT Semiconductor Inc.
B0520W AITSEMI-B0520W Datasheet
531Kb / 5P
SCHOTTKY DIODES SCHOTTKY BARRIER DIODES
REV1.0
B0520WS AITSEMI-B0520WS Datasheet
522Kb / 4P
SCHOTTKY DIODES SCHOTTKY BARRIER DIODES
REV1.0
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com