Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ASPI-0418FS-3R3 Datasheet(PDF) 3 Page - Abracon Corporation

Part # ASPI-0418FS-3R3
Description  LOW PROFILE SHIELDED SMD CHIP POWER INDUCTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ASPI-0418FS-3R3 Datasheet(HTML) 3 Page - Abracon Corporation

  ASPI-0418FS-3R3 Datasheet HTML 1Page - Abracon Corporation ASPI-0418FS-3R3 Datasheet HTML 2Page - Abracon Corporation ASPI-0418FS-3R3 Datasheet HTML 3Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
RoHS
Compliant
REFLOW PROFILE:
TAPE & REEL:
Pb
Dimension: mm
ASPI-0418FS
LOW PROFILE SHIELDED SMD CHIP POWER INDUCTOR
30332 Esperanza, Rancho Santa Margarita, California92688
tel 949-546-8000 | fax 949-546-8001 | www.abracon.com
Visit www.abracon.com for Terms & Conditions of Sale
ABRACON IS
ISO9001:2008
CERTIFIED
ATTENTION: Abracon Corporation’s products are COTS – Commercial-Off-The-Shelf products; suitable for Commercial, Industrial and, where designated, Automotive Applica-
tions. Abracon’s products are not specifically designed for Military, Aviation, Aerospace, Life-dependant Medical applications or any application requiring high reliability where
component failure could result in loss of life and/or property. For applications requiring high reliability and/or presenting an extreme operating environment, written consent and
authorization from Abracon Corporation is required. Please contact Abracon Corporation for more information.
T3: 3,000pcs / reel
Ao
4.50
Bo
4.35
Ko
1.90
W
12
P
8
T
0.3
A
330
B
21.0±0.8
C
13.5±0.5
G
12.6
N
99.5
T
17.2
Revised: 12.28.12-C
4.0 x 4.0 x 1.8mm/
4.0 x 4.0 x 1.88mm



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com