Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ASPI-0412FS-5R6 Datasheet(PDF) 1 Page - Abracon Corporation

Part # ASPI-0412FS-5R6
Description  LOW PROFILE SHIELDED SMD CHIP POWER INDUCTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ASPI-0412FS-5R6 Datasheet(HTML) 1 Page - Abracon Corporation

  ASPI-0412FS-5R6 Datasheet HTML 1Page - Abracon Corporation ASPI-0412FS-5R6 Datasheet HTML 2Page - Abracon Corporation ASPI-0412FS-5R6 Datasheet HTML 3Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
ASPI-0412FS
ELECTRICAL SPECIFICATIONS:
FEATURES:
APPLICATIONS:
• Mobile phones
• MP3, MP4 and other portable / communication products
• Digital cameras
4.0 x 4.0 x 1.2mm
30332 Esperanza, Rancho Santa Margarita,California92688
tel 949-546-8000 | fax 949-546-8001| www.abracon.com
Revised: 01.23.14
Visit www.abracon.com for Terms & Conditions of Sale
ABRACON IS
ISO9001:2008
CERTIFIED
LOW PROFILE SHIELDED SMD CHIP POWER INDUCTOR
Abracon P/N:
ASPI-0412FS Series
Operating Temperature & Humidity
Storage Temperature & Humidity:
• Small size and low profile: 1.2mm max
• Small DCR and high rated current
• High reliability to mechanical strength
• Shielded by magnetic powder molding
• Suitable for RoHS compliant reflow
-25˚C to +125˚C
-5˚C to +40˚C and RH 70% Max. (In tape and reel)
Part Number
ASPI-0412FS-
Inductance Code
Inductance
L Tolerance
DC Resistance
Typ
DC Resistance
Max
Saturation
Current
Temperature
Rise Current
Inductance
Code
Units
μH
Ω
Ω
A
A
Symbol
L
N, M
DCR
DCR
Isat
Irms
ASPI-0412FS-R82
0.82
N
0.050
0.0650
3.02
1.65
R82
ASPI-0412FS-1R0
1.0
N
0.050
0.0650
2.61
1.65
1R0
ASPI-0412FS-1R5
1.5
N
0.065
0.8450
2.10
1.46
1R5
ASPI-0412FS-1R8
1.8
N
0.080
0.1040
2.12
1.32
1R8
ASPI-0412FS-2R2
2.2
M
0.080
0.1040
1.76
1.32
2R2
ASPI-0412FS-2R7
2.7
M
0.090
0.1170
1.90
1.25
2R7
ASPI-0412FS-3R3
3.3
M
0.110
0.1430
1.72
1.12
3R3
ASPI-0412FS-3R6
3.6
M
0.110
0.1430
1.20
1.12
3R6
ASPI-0412FS-4R3
4.3
M
0.140
0.1820
1.58
1.00
4R3
ASPI-0412FS-4R7
4.7
M
0.175
0.2280
1.15
1.05
4R7
ASPI-0412FS-5R1
5.1
M
0.155
0.2015
1.55
0.95
5R1
ASPI-0412FS-5R6
5.6
M
0.140
0.1820
1.00
1.00
5R6
ASPI-0412FS-6R8
6.8
M
0.198
0.2574
0.85
0.84
6R8
ASPI-0412FS-100
10
M
0.353
0.4590
0.80
0.77
100
ASPI-0412FS-120
12
M
0.290
0.3770
0.66
0.70
120
ASPI-0412FS-150
15
M
0.340
0.4420
0.56
0.64
150
ASPI-0412FS-180
18
M
0.470
0.6110
0.55
0.55
180
ASPI-0412FS-220
22
M
0.720
0.9360
0.46
0.49
220
ASPI-0412FS-270
27
M
0.720
0.9360
0.50
0.45
270
ASPI-0412FS-330
33
M
0.810
1.0530
0.42
0.42
330
ASPI-0412FS-360
36
M
0.900
1.1700
0.40
0.40
360
ASPI-0412FS-390
39
M
1.100
1.4300
0.55
0.37
390
ASPI-0412FS-470
47
M
1.100
1.4300
0.35
0.37
470
ASPI-0412FS-560
56
M
1.250
1.6250
0.33
0.33
560
ASPI-0412FS-680
68
M
1.950
2.5350
0.38
0.27
680
ASPI-0412FS-820
82
M
2.140
2.7820
0.28
0.26
820
ASPI-0412FS-101
100
M
2.210
2.8730
0.25
0.25
101
Pb RoHS/RoHS II Compliant


Similar Part No. - ASPI-0412FS-5R6

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASPI-0412S ABRACON-ASPI-0412S Datasheet
621Kb / 1P
30332 Esperanza, Rancho Santa margarita
More results

Similar Description - ASPI-0412FS-5R6

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASPI-0312FS ABRACON-ASPI-0312FS Datasheet
1Mb / 3P
LOW PROFILE SHIELDED SMD CHIP POWER INDUCTOR
11.22.11
ASPI-0410FS ABRACON-ASPI-0410FS Datasheet
1Mb / 3P
LOW PROFILE SHIELDED SMD CHIP POWER INDUCTOR
09.23.13
ASPI-0418FS ABRACON-ASPI-0418FS Datasheet
1Mb / 3P
LOW PROFILE SHIELDED SMD CHIP POWER INDUCTOR
12.28.12-C
ASPI-0425 ABRACON-ASPI-0425 Datasheet
1Mb / 3P
LOW PROFILE SHIELDED SMD CHIP POWER INDUCTOR
12.20.11
ASPI-0615FS ABRACON-ASPI-0615FS Datasheet
1Mb / 3P
LOW PROFILE SHIELDED SMD CHIP POWER INDUCTOR
02.04.13
ASPI-0628 ABRACON-ASPI-0628 Datasheet
1Mb / 3P
LOW PROFILE SHIELDED SMD CHIP POWER INDUCTOR
03.16.12
ASPI-0840 ABRACON-ASPI-0840 Datasheet
1Mb / 3P
LOW PROFILE SHIELDED SMD CHIP POWER INDUCTOR
10.04.13
ASPI-2410 ABRACON-ASPI-2410 Datasheet
1Mb / 3P
Low Profile Shielded SMD Chip Power Inductor
10.20.11
ASPI-2510 ABRACON-ASPI-2510 Datasheet
1Mb / 3P
Low Profile Shielded SMD Chip Power Inductor
09.06.11
ASPI-2515 ABRACON-ASPI-2515 Datasheet
1Mb / 3P
Low Profile Shielded SMD Chip Power Inductor
01.31.13
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com