Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

CJ303PL Datasheet(PDF) 1 Page - ZP Semiconductor

Part # CJ303PL
Description  SOT-89-3L Plastic-Encapsulate Transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZPSEMI [ZP Semiconductor]
Direct Link  http://zpsemi.com/
Logo ZPSEMI - ZP Semiconductor

CJ303PL Datasheet(HTML) 1 Page - ZP Semiconductor

  CJ303PL Datasheet HTML 1Page - ZP Semiconductor CJ303PL Datasheet HTML 2Page - ZP Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SOT-89-3L
1. BASE
2. COLLECTOR
3. EMITTER
SOT-89-3L Plastic-Encapsulate Transistors
CJ303PL
TRANSISTOR (PNP)
FEATURES
Small Flat Package
High DC Current Gain
Ultra Low Collector-Emitter Saturation Voltage
MARKING:303PL
MAXIMUM RATINGS (Ta=25
℃ unless otherwise noted)
ELECTRICAL CHARACTERISTICS (Ta=25
℃ unless otherwise specified)
Parameter
Symbol
Test
conditions
Min
Typ
Max
Unit
Collector-base breakdown voltage
V(BR)CBO
IC= -0.1mA,IE=0
-50
V
Collector-emitter breakdown voltage
V(BR)CEO
IC=-10mA,IB=0
-35
V
Emitter-base breakdown voltage
V(BR)EBO
IE=-0.1mA,IC=0
-5
V
Collector cut-off current
ICBO
VCB=-35V,IE=0
-100
nA
Collector cut-off current
ICES
VCES=-35V
-100
nA
Emitter cut-off current
IEBO
VEB=-4V,IC=0
-100
nA
VCE=-1.5V, IC=-1A
100
VCE=-1.5V, IC=-1.5A
100
400
DC current gain
hFE*
VCE=-3V, IC=-2A
100
IC=-0.8A,IB=-26mA
-0.15
V
IC=-1.2A,IB=-40mA
-0.2
V
IC=-2A,IB=-66.6mA
-0.25
V
Collector-emitter saturation voltage
VCE(sat)*
IC=-3A,IB=-100mA
-0.4
V
IC=-1.2A,IB=-40mA
-1
V
Base-emitter saturation voltage
VBE(sat)*
IC=-3A,IB=-100mA
-1.2
V
Base-emitter voltage
VBE*
VCE=-3V, IC=-2A
-1
V
Symbol
Parameter
Value
Unit
VCBO
Collector-Base Voltage
-50
V
VCEO
Collector-Emitter Voltage
-35
V
VEBO
Emitter-Base Voltage
-5
V
IC
Collector Current
-3
A
PC
Collector Power Dissipation
500
mW
RθJA
Thermal Resistance From Junction To Ambient
250
℃/W
Tj
Junction Temperature
150
Tstg
Storage Temperature
-55~+150
1 of 2
sales@zpsemi.com
www.zpsemi.com
CJ303PL


Similar Part No. - CJ303PL

ManufacturerPart #DatasheetDescription
logo
Nanjing International G...
CJ303PL DGNJDZ-CJ303PL Datasheet
1Mb / 4P
SOT-89-3L Plastic-Encapsulate Transistors
More results

Similar Description - CJ303PL

ManufacturerPart #DatasheetDescription
logo
Nanjing International G...
2SC4375 DGNJDZ-2SC4375 Datasheet
228Kb / 1P
SOT-89-3L Plastic-Encapsulate Transistors
logo
Jiangsu Changjiang Elec...
2SB1386 JIANGSU-2SB1386 Datasheet
1Mb / 4P
SOT-89-3L Plastic-Encapsulate Transistors
2SB1424 JIANGSU-2SB1424 Datasheet
1Mb / 4P
SOT-89-3L Plastic-Encapsulate Transistors
2SC2881 JIANGSU-2SC2881 Datasheet
1Mb / 4P
SOT-89-3L Plastic-Encapsulate Transistors
logo
Nanjing International G...
STC4350 DGNJDZ-STC4350 Datasheet
1Mb / 6P
SOT-89-3L Plastic-Encapsulate Transistors
NJ13001 DGNJDZ-NJ13001 Datasheet
1Mb / 4P
SOT-89-3L Plastic-Encapsulate Transistors
2SB1386 DGNJDZ-2SB1386_V01 Datasheet
1Mb / 4P
SOT-89-3L Plastic-Encapsulate Transistors
2SD965 DGNJDZ-2SD965_V01 Datasheet
1Mb / 4P
SOT-89-3L Plastic-Encapsulate Transistors
D882 DGNJDZ-D882_V01 Datasheet
541Kb / 2P
SOT-89-3L Plastic-Encapsulate Transistors
PXT2222A DGNJDZ-PXT2222A_V01 Datasheet
1Mb / 4P
SOT-89-3L Plastic-Encapsulate Transistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com