Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SA9904B Datasheet(PDF) 2 Page - Sames

Part # SA9904B
Description  Three Phase Power Energy IC with SPI
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA9904B Datasheet(HTML) 2 Page - Sames

  SA9904B Datasheet HTML 1Page - Sames SA9904B Datasheet HTML 2Page - Sames SA9904B Datasheet HTML 3Page - Sames SA9904B Datasheet HTML 4Page - Sames SA9904B Datasheet HTML 5Page - Sames SA9904B Datasheet HTML 6Page - Sames SA9904B Datasheet HTML 7Page - Sames SA9904B Datasheet HTML 8Page - Sames SA9904B Datasheet HTML 9Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
sames
SA9904B
2/12
3
http://www.sames.co.za
ELECTRICAL CHARACTERISTICS
(
V
= 2.5V, V
= -2.5V, over the temperature range -10°C to +70°C , unless otherwise specified.)
DD
SS
#
ABSOLUTE MAXIMUM RATINGS*
Supply Voltage
V
-V
3.6V
6.0
V
Current on any pin
I
-150
+150
mA
Storage Temperature
T
-40
+125
°C
Operating Temperature
T
-40
+85
°C
*Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress
rating only. Functional operation of the device at these or any other condition above those indicated in the operational sections of
this specification, is not implied. Exposure to Absolute Maximum Ratings for extended periods may affect device reliability.
DD
SS
PIN
STG
O
Parameter
Min
Max
Unit
Symbol
°C
V
µA
µA
TO
VDD
III
IIV
-25
-25
-25
2.25
+25
+25
+85
2.75
Peak value
Peak value
I
= 5mA
I
= -2mA
OL
OH
Condition
Unit
Max
Typ
Min
Symbol
Parameter
V
VSS
-2.75
-2.25
IDD
11
9.5
mA
ISS
11
9.5
mA
V
V
V
V
f
t
t
IH
IL
SCK
LO
HI
V-1
DD
V+1
SS
kHz
µs
µs
0.6
0.6
800
V
V
V
V
IH
IL
V-1
DD
V+1
SS
V
V
V-1
DD
V+1
SS
V
V
OL
OH
Recommended crystal: TV colour burst crystal f = 3.5795 MHz
With R = 47k
connected to V
Reference to
W
SS
VSS
µA
V
23
1.1
27
1.3
-I
V
R
R
25
Operating temp. Range
Supply Voltage: Positive
Supply Current: Positive
Supply Current: Negative
Supply Voltage: Negative
Current Sensor Inputs (Differential)
Voltage Sensor Input (Asymmetrical)
Input Current Range
Input Current Range
Pins SCK
High Voltage
Low Voltage
Pins CS, DI
High Voltage
Low Voltage
Pins F50, DO
Low Voltage
High Voltage
Oscillator
Pin VREF
Ref. Current
Ref. Voltage
During manufacturing, testing and shipment we take great care to protect our products against potential
external environmental damage such as Electrostatic Discharge (ESD). Although our products have ESD
protection circuitry, permanent damage may occur on products subjected to high-energy electrostatic
discharges accumulated on the human body and test equipment and can discharge without detection.
Therefore, proper ESD precautions are recommended to avoid performance degradation or loss of
functionality during product handling.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com