Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ASPI-1306S Datasheet(PDF) 1 Page - Abracon Corporation

Part # ASPI-1306S
Description  SMD SHIELDED POWER INDUCTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ASPI-1306S Datasheet(HTML) 1 Page - Abracon Corporation

  ASPI-1306S Datasheet HTML 1Page - Abracon Corporation ASPI-1306S Datasheet HTML 2Page - Abracon Corporation ASPI-1306S Datasheet HTML 3Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
ASPI-1306S
ELECTRICAL SPECIFICATIONS:
30332 Esperanza, Rancho Santa Margarita, California92688
tel 949-546-8000| fax 949-546-8001| www.abracon.com
Revised: 07.25.13
Visit www.abracon.com for Terms & Conditions of Sale
SMD SHIELDED POWER INDUCTOR
FEATURES:
APPLICATIONS:
OPTIONS AND PART IDENTIFICATION
18.5 x 15.2 x 7.6 mm
ABRACON IS
CERTIFIED
ABRACON IS
ISO9001:2008
CERTIFIED
• Low radiation shielded architecture
• Large pads for good PCB mounting
• Low DCR, suitable for large currents
• High Energy storage
• Portable communication equipment
• OA equipment
• LCD, DVD, modem, set-top box
• DC/ DC converter
.
Pb RoHS
Compliant
PART NUMBER
INDUCTANCE
(uH) ±20%
DCR(Ω)
max
Isat (A)
max
Irms (A)
max
ASPI-1306S-100M
10
0.0400
8.00
3.90
ASPI-1306S-150M
15
0.0480
7.00
3.40
ASPI-1306S-220M
22
0.0590
6.00
3.10
ASPI-1306S-330M
33
0.0750
5.00
2.80
ASPI-1306S-470M
47
0.0970
4.00
2.40
ASPI-1306S-680M
68
0.1380
3.00
2.00
ASPI-1306S-101M
100
0.2070
2.40
1.70
ASPI-1306S-151M
150
0.2930
2.10
1.30
ASPI-1306S-221M
220
0.4700
1.90
1.10
ASPI-1306S-331M
330
0.7800
1.10
0.86
ASPI-1306S-471M
470
0.9750
0.90
0.60
ASPI-1306S-681M
680
1.4000
0.96
0.64
ASPI-1306S-102M
1000
2.0100
0.80
0.53
Test Conditions
Inductance: 100kHz, 0.1V
Isat: ∆L/L (initial) ≥ -10%
Irms: ∆T ≤ 40˚C
-40˚C to +85˚C
+25˚C
ASPI-1306S -
-
Inductance Code
Please refer to the
table above
Tolerance %
M: ± 20%
Packaging
T: Tape and Reel
(250pcs / reel)
ASPI-1306S


Similar Part No. - ASPI-1306S

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASPI-1306T ABRACON-ASPI-1306T Datasheet
842Kb / 2P
SURFACE-MOUNT POWER INDUCTORS
07.01.09
More results

Similar Description - ASPI-1306S

ManufacturerPart #DatasheetDescription
logo
ABC Taiwan Electronics ...
HP0605R56ML ABC-HP0605R56ML Datasheet
110Kb / 6P
SHIELDED SMD POWER INDUCTOR
SH20091R0YL ABC-SH20091R0YL Datasheet
472Kb / 6P
SHIELDED SMD POWER INDUCTOR
SH30091R3YL ABC-SH30091R3YL Datasheet
481Kb / 6P
SHIELDED SMD POWER INDUCTOR
SH30274R7YL ABC-SH30274R7YL Datasheet
157Kb / 7P
SHIELDED SMD POWER INDUCTOR
logo
MPS Industries, Inc.
P170703 MPSIND-P170703 Datasheet
160Kb / 1P
SHIELDED SMD POWER INDUCTOR
P171205 MPSIND-P171205 Datasheet
160Kb / 1P
SHIELDED SMD POWER INDUCTOR
PS127 MPSIND-PS127 Datasheet
156Kb / 1P
SHIELDED SMD POWER INDUCTOR
PSE104 MPSIND-PSE104 Datasheet
314Kb / 2P
SHIELDED SMD POWER INDUCTOR
logo
Bourns Electronic Solut...
PM105SB-100M-RC BOURNS-PM105SB-100M-RC Datasheet
309Kb / 2P
Shielded SMD Power Inductor
PM428S-1R2-RC BOURNS-PM428S-1R2-RC Datasheet
358Kb / 2P
Shielded SMD Power Inductor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com