Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ASPI-5040S Datasheet(PDF) 1 Page - Abracon Corporation

Part # ASPI-5040S
Description  Low Profile Shielded SMD Chip Power Inductor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ASPI-5040S Datasheet(HTML) 1 Page - Abracon Corporation

  ASPI-5040S Datasheet HTML 1Page - Abracon Corporation ASPI-5040S Datasheet HTML 2Page - Abracon Corporation ASPI-5040S Datasheet HTML 3Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
ASPI-5040S
ELECTRICAL SPECIFICATIONS:
RoHS
Compliant
FEATURES:
APPLICATIONS:
• Partable communication equipment
• OA equipment
• LCD, DVD, modem, set-top box
• DC/DC converters
5.0 x 5.0 x 4.0mm
Pb
OPTIONS AND PART IDENTIFICATION
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
ABRACON IS
CERTIFIED
ISO 9001:2008
30332Esperanza, Rancho Santa Margarita, California 9268
tel 949-546-8000| fax 949-546-8001 | www.abracon.com
Revised: 01.24.12
Visit
www.abracon.com for Terms & Conditions of Sale
Low Profile Shielded SMD Chip Power Inductor
ASPI-5040S
Part Number
Inductance
Tolerance
DCR Max
DCR Typ
Saturation
Current
Max
Temperature
Rise Current
Max
Units
μH
%
A
A
Symbol
L
M=±20%,
N=±30%
DCR
DCR
Isat
Irms
ASPI-5040S-1R5
1.5
N
24
20
6.00
3.60
ASPI-5040S-2R2
2.2
N
26
22
4.60
3.50
ASPI-5040S-3R3
3.3
N
32
27
3.80
3.30
ASPI-5040S-4R7
4.7
N
35
29
3.30
3.10
ASPI-5040S-6R8
6.8
M
59
49
2.60
2.30
ASPI-5040S-100
10
M
67
56
2.30
2.10
ASPI-5040S-150
15
M
96
80
2.00
1.80
ASPI-5040S-220
22
M
151
126
1.60
1.40
ASPI-5040S-330
33
M
216
180
1.30
1.20
ASPI-5040S-470
47
M
372
310
1.10
0.90
Test Criteria:
Inductance: 100kHz, 1V
Isat: Based on inductance change (△L/Lo :≦-30%)
Irms: Based on temperature rise (△T : 40℃ TYP. )
-25˚C ~ 120˚C.
-10˚C ~ 40˚C.
ASPI-5040S -
-
M for 6.8µH~47µH
N for 1.5µH~4.7µH
Packaging
T: Tape and Reel
(1kpcs / reel)
Inductance Code
Please refer to the
table above
Tolerance
M: ±20%
N: ±30%
Operating Temperature
Storage Temperature
• Magnetically shielded for low radiation
• Large Terminal surface for good PCB mounting
• Low DCR and high rated current
• Suitable for DC-DC converter applications


Similar Part No. - ASPI-5040S

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASPI-5123-XXX ABRACON-ASPI-5123-XXX Datasheet
73Kb / 1P
HIGH CURRENT SHIELDED INDUCTOR
ASPI-5123H-1R0 ABRACON-ASPI-5123H-1R0 Datasheet
73Kb / 1P
HIGH CURRENT SHIELDED INDUCTOR
ASPI-5123H-1R8 ABRACON-ASPI-5123H-1R8 Datasheet
73Kb / 1P
HIGH CURRENT SHIELDED INDUCTOR
ASPI-5123H-2R8 ABRACON-ASPI-5123H-2R8 Datasheet
73Kb / 1P
HIGH CURRENT SHIELDED INDUCTOR
ASPI-5123H-4R0 ABRACON-ASPI-5123H-4R0 Datasheet
73Kb / 1P
HIGH CURRENT SHIELDED INDUCTOR
More results

Similar Description - ASPI-5040S

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASPI-0312FS ABRACON-ASPI-0312FS Datasheet
1Mb / 3P
LOW PROFILE SHIELDED SMD CHIP POWER INDUCTOR
11.22.11
ASPI-0410FS ABRACON-ASPI-0410FS Datasheet
1Mb / 3P
LOW PROFILE SHIELDED SMD CHIP POWER INDUCTOR
09.23.13
ASPI-0418FS ABRACON-ASPI-0418FS Datasheet
1Mb / 3P
LOW PROFILE SHIELDED SMD CHIP POWER INDUCTOR
12.28.12-C
ASPI-0425 ABRACON-ASPI-0425 Datasheet
1Mb / 3P
LOW PROFILE SHIELDED SMD CHIP POWER INDUCTOR
12.20.11
ASPI-0615FS ABRACON-ASPI-0615FS Datasheet
1Mb / 3P
LOW PROFILE SHIELDED SMD CHIP POWER INDUCTOR
02.04.13
ASPI-0628 ABRACON-ASPI-0628 Datasheet
1Mb / 3P
LOW PROFILE SHIELDED SMD CHIP POWER INDUCTOR
03.16.12
ASPI-0840 ABRACON-ASPI-0840 Datasheet
1Mb / 3P
LOW PROFILE SHIELDED SMD CHIP POWER INDUCTOR
10.04.13
ASPI-2410 ABRACON-ASPI-2410 Datasheet
1Mb / 3P
Low Profile Shielded SMD Chip Power Inductor
10.20.11
ASPI-2510 ABRACON-ASPI-2510 Datasheet
1Mb / 3P
Low Profile Shielded SMD Chip Power Inductor
09.06.11
ASPI-2515 ABRACON-ASPI-2515 Datasheet
1Mb / 3P
Low Profile Shielded SMD Chip Power Inductor
01.31.13
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com