Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

KTA1298 Datasheet(PDF) 1 Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.

Part # KTA1298
Description  Plastic-Encapsulate Transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOTTECH [GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.]
Direct Link  http://www.hottech.net.cn/
Logo HOTTECH - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.

KTA1298 Datasheet(HTML) 1 Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.

  KTA1298 Datasheet HTML 1Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD. KTA1298 Datasheet HTML 2Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page:P2-P1
Plastic-Encapsulate Transistors
GUANGDONG
HOTTECH
INDUSTRIAL
CO,. LTD.
FEATURES
Low frequency power amplifier application
Power switching application
MAXIMUM RATINGS (TA=25
unless otherwise noted)
Parameter
Symbol
Value
Unit
Collector-Base Voltage
V
CBO
-35
V
Collector-Emitter Voltage
V
CEO
-30
V
Emitter-Base Voltage
V
EBO
-5
V
Collector Current -Continuous
I
C
-800
mA
Collector Power Dissipation
PC
200
mW
Junction Temperature
T
J
150
Storage Temperature
Tstg
-55 to +150
ELECTRICAL CHARACTERISTICS (Tamb=25
unless otherwise specified)
Parameter
Symbol
Test
conditions
Min
Typ
Max
Unit
Collector-base breakdown voltage
VCBO
IC=- 1mA,IE=0
-35
V
Collector-emitter breakdown voltage
VCEO
IC= -10mA, IB=0
-30
V
Emitter-base breakdown voltage
VEBO
IE=-1mA, IC=0
-5
V
Collector
cut-off
current
ICBO
VCB=-30 V,IE=0
-0.1
μA
Emitter
cut-off
current
IEBO
VEB= -5V,IC=0
-0.1
μA
DC
current
gain
hFE(1)
VCE=-1V, IC=-100mA
100
320
hFE(2)
VCE=-1V, IC=-800mA
40
Collector-emitter saturation voltage
VCE(sat)
IC=-500mA, IB= -20mA
-0.4
V
Base- emitter voltage
VBE
VCE=-1V, IC=-10mA
-0.5
-0.8
V
Transition
frequency
fT
VCE=-5V, IC=-10mA,
120
MHz
Collector output capacitance
Cob
VCB=-10V, IE=0,f=1MHz
13
pF
CLASSIFICATION OF
hFE
Marking
IO
IY
Range
100-200
160-320
KTA1298(PNP)
1. BASE
2. EMITTER
SOT-23
3. COLLECTO


Similar Part No. - KTA1298

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KTA1298 KEC-KTA1298 Datasheet
248Kb / 2P
EPITAXIAL PLANAR PNP TRANSISTOR (LOW FREQUENCY POWER AMPLIFIER, POWER SWITCHING)
logo
Weitron Technology
KTA1298 WEITRON-KTA1298 Datasheet
689Kb / 4P
PNP Silicon Transistors
logo
Galaxy Semi-Conductor H...
KTA1298 BILIN-KTA1298 Datasheet
216Kb / 4P
Silicon Epitaxial Planar Transistor
logo
Shenzhen Jin Yu Semicon...
KTA1298 HTSEMI-KTA1298 Datasheet
347Kb / 2P
TRANSISTOR (PNP)
logo
KEC(Korea Electronics)
KTA1298 KEC-KTA1298 Datasheet
356Kb / 2P
EPITAXIAL PLANAR PNP TRANSISTOR
More results

Similar Description - KTA1298

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
S9013 ETC-S9013 Datasheet
963Kb / 2P
PLASTIC ENCAPSULATE TRANSISTORS
logo
Micro Commercial Compon...
MMDT5401 MCC-MMDT5401 Datasheet
116Kb / 3P
Plastic-Encapsulate Transistors
logo
SeCoS Halbleitertechnol...
BCX51 SECOS-BCX51 Datasheet
1Mb / 1P
Plastic-Encapsulate Transistors
D882 SECOS-D882 Datasheet
277Kb / 2P
Plastic Encapsulate Transistors
logo
Micro Commercial Compon...
MMDT5401 MCC-MMDT5401_11 Datasheet
231Kb / 3P
Plastic-Encapsulate Transistors
logo
MAKO SEMICONDUCTOR CO.,...
2SC945 MAKOSEMI-2SC945 Datasheet
99Kb / 2P
Plastic-Encapsulate Transistors
KTC3875 MAKOSEMI-KTC3875 Datasheet
88Kb / 2P
Plastic-Encapsulate Transistors
logo
Nanjing International G...
KTA1275 DGNJDZ-KTA1275 Datasheet
149Kb / 1P
Plastic-Encapsulate Transistors
logo
Jiangsu Changjiang Elec...
2SD2142 JIANGSU-2SD2142 Datasheet
271Kb / 1P
Plastic-Encapsulate Transistors
BC516 JIANGSU-BC516 Datasheet
401Kb / 3P
Plastic-Encapsulate Transistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com