Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

RF2373 Datasheet(PDF) 4 Page - RF Micro Devices

Part # RF2373
Description  3V LOW NOISE AMPLIFIER/ 3V DRIVER AMPLIFIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2373 Datasheet(HTML) 4 Page - RF Micro Devices

  RF2373 Datasheet HTML 1Page - RF Micro Devices RF2373 Datasheet HTML 2Page - RF Micro Devices RF2373 Datasheet HTML 3Page - RF Micro Devices RF2373 Datasheet HTML 4Page - RF Micro Devices RF2373 Datasheet HTML 5Page - RF Micro Devices RF2373 Datasheet HTML 6Page - RF Micro Devices RF2373 Datasheet HTML 7Page - RF Micro Devices RF2373 Datasheet HTML 8Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Preliminary
4-4
RF2373
Rev A1 040921
Pin
Function
Description
Interface Schematic
1RF IN
RF input pin. This pin is DC coupled.
2GND1
Ground connection. For best performance, keep traces physically short
and connect immediately to ground plane.
3BIAS
This pin is used to control the bias current. An external resistor can be
used to set the bias current for any VBIAS voltage. See table with evalu-
ation board schematic.
4RF OUT
Amplifier output pin. This pin is an open-collector output. It must be
biased to VCC through a choke or matching inductor. This pin is typi-
cally matched to 50
Ω with a shunt bias/matching inductor and series
blocking/matching capacitor. Refer to application schematics.
5GND2
Ground connection. For best performance, keep traces physically short
and connect immediately to ground plane.
RF IN
RF OUT
To Bias
Circuit
VBIAS



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com