| Electronic Components Datasheet Search |
|
STV9118 Datasheet(PDF) 27 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STV9118 Datasheet(HTML) 27 Page - STMicroelectronics |
|
27 / 46 page ![]() STV9118 27/46 sults in the change of horizontal position of the pic- ture. The loop, by tuning the VCO accordingly, gets and maintains in coincidence the rising edge of input sync. signal with signal REF1, which is de- rived from the VCO ramp by a comparator with threshold adjustable through HPOS I2C bus con- trol. The coincidence is identified and flagged by lock detection circuit on pin HLckVBk as well as by HLock I2C bus flag. The charge pump provides positive and negative currents charging the external loop filter on HPosF pin. The loop is independent of the trailing edge of sync. signal and only locks to its leading edge. By design, the PLL1 does not suffer from any dead band even while locked. The speed of the PLL1 depends on the current value provided by the charge pump. While not locked, the current is very low, to slow down the changes of VCO frequency and thus protect the external power components at sync. signal change. In locked state, the cur- rents are much higher, two different values being selectable via PLL1Pump I2C bus bit to provide a mean to control the PLL1 speed by S/W. Lower values make the PLL1 slower, but more stable. Higher values make it faster and less stable. In general, the PLL1 speed should be higher for high deflection frequencies. The response speed and stability (jitter level) depends on the choice of ex- ternal components making up the loop filter. A “CRC” filter is generally used (see Figure 4 on page 27). Figure 4. H-PLL1 filter configuration The PLL1 is internally inhibited during extracted vertical sync. pulse (if any) to avoid taking into ac- count missing or wrong pulses on the phase com- parator. Inhibition is obtained by forcing the charge pump output to high impedance state. The inhibi- tion mechanism can be disabled through PLL1Pump I2C bus bit. The Figure 7, in its upper part, shows the position of the VCO ramp signal in relation to input sync. pulse for three different positions of adjustment of horizontal position control HPOS. Figure 5. Horizontal PLL1 block diagram HPLL1F 9 R2 C1 C2 4 Lock Status PLL INHIBITION HPosF SHAPER Low High LOCK COMP CHARGE PUMP HPLL1F R0 C0 86 VCO HOSC (I2C) HPOS INPUT INTERFACE H/HVSyn Sync 9 10 PLL1Pump V-sync (extracted) PLL1InhEn (I2C) HOscF DETECTOR 1 Polarity V-sync Extracted REF1 (pin & I2C) (I2C) PLL1 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |