Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AD9235 Datasheet(PDF) 21 Page - Analog Devices

Part # AD9235
Description  12-Bit, 20/40/65 MSPS 3 V A/D Converter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9235 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD9235 Datasheet HTML 17Page - Analog Devices AD9235 Datasheet HTML 18Page - Analog Devices AD9235 Datasheet HTML 19Page - Analog Devices AD9235 Datasheet HTML 20Page - Analog Devices AD9235 Datasheet HTML 21Page - Analog Devices AD9235 Datasheet HTML 22Page - Analog Devices AD9235 Datasheet HTML 23Page - Analog Devices AD9235 Datasheet HTML 24Page - Analog Devices AD9235 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
REV. B
–21–
AD9235
DD11
DD10
DD9
DD8
DD7
DD6
DD5
DD4
DD3
DD2
C29
0.1 F
0.1 F
C30
0.01 F
C31
C46
0.01 F
0.1 F
C49
0.1 F
C51
22pF
C54
49.9
R28
49.9
R29
22pF
C55
U4
128
27
26
25
24
23
22
21
20
19
18
17
16
15
10
11
12
13
9
8
7
6
5
4
3
2
14
0.1 F
C56
2k
R30
DACLK
DD0
DD1
DVDD
S6
TP18
WHT
AD9762
NC2
DB10
DB19
DB8
DB7
DB6
DB5
DB4
DB3
NC1
DB0
DB1
DB2
SLEEP
REFLO
REFIO
FSADJ
COMP1
ACOM
IOUTB
IOUTA
COMP2
AVDD
NC3
DCOM
DVDD
CLOCK
MSB–DB11
Figure 20. TSSOP Evaluation Board Schematic, Optional D/A Converter
Figure 21. TSSOP Evaluation Board Layout, Primary Side



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com