Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

CF-LD Datasheet(PDF) 1 Page - Copal Electronics

Part # CF-LD
Description  Hyper-Miniature Lever Switches
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

CF-LD Datasheet(HTML) 1 Page - Copal Electronics

  CF-LD Datasheet HTML 1Page - Copal Electronics CF-LD Datasheet HTML 2Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CF-LD
Hyper-Miniature Lever Switches
■Features
1. Light operating feeling.
2. Auto soldering on PC board is possible
(non-washable).
3. Three mounting types of PC/Right Angle/
Vertical are available.
4. The gold-plated clip contact mechanism
ensures high contact reliability.
5. Lever design, considering the operability.
Three lever colors of white, red, and gray are
lined up.
RoHS Compliant
■ Internal Structure
Part name
Material
Flammability
Lever
PA(Polyamide)
UL94V-0
C Spring
Piano wire
Cover
PA(Polyamide)
UL94V-0
Actuator tip
Copper alloy, Nickel-plated
PA(Polyamide)
UL94V-0
Movable contact Copper alloy, Gold-plated
Base
PA(Polyamide)
UL94V-0
O Ring
Nitrile rubber
Terminal(Circuit) Copper alloy, Gold-plated
Terminal(Dummy)
※PC only
Copper alloy, Tin-plated
■ Switching Function
Switching function
A POS.
B POS.
ON
ON
(5)
(6)(5)
(4)
■ SpeciÄcations
Rating
Max.
0.4VA
(AC/DC28V 0.1A) (Resistive load)
Min.
AC/DC20mV 0.1mA
(Resistive load)
Dielectric strength
500VAC 1minute
Initial contact resistance 80m
Ω Max.
(1.5mA 200μVAC)
Initial insulation resistance 500M
Ω Min.
(500VDC)
Electrical life
10,000 cycles at max. rating
50,000 cycles at VA0.4 rating & min.
Mechancal life
50,000 cycles
Operating temperature range
−40∼+85℃
Storage temperature range
−40∼+85℃
8
7
6
5
4
2
1
3
10
9
■Part Numbering
CF - LD - 1DC6 - AG2W
Series name
D
ON - ON
No. of pole(s)
Switching function
Terminal style
1
1 pole
C
C4
C6
PC
PC-R/A
PC-V/M
A
Operating function
Lever
Button color
G
R
W
Gray
Red
White
Contact material
2
Gold plated
Packaging specifications
W
blank
Tray
Plastic bag


Similar Part No. - CF-LD

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
CF-LD-1DC-AG2 COPAL-CF-LD-1DC-AG2 Datasheet
475Kb / 2P
Hyper-Miniature Lever Switches
CF-LD-1DC-AG2W COPAL-CF-LD-1DC-AG2W Datasheet
475Kb / 2P
Hyper-Miniature Lever Switches
CF-LD-1DC-AR2 COPAL-CF-LD-1DC-AR2 Datasheet
475Kb / 2P
Hyper-Miniature Lever Switches
CF-LD-1DC-AR2W COPAL-CF-LD-1DC-AR2W Datasheet
475Kb / 2P
Hyper-Miniature Lever Switches
CF-LD-1DC-AW2 COPAL-CF-LD-1DC-AW2 Datasheet
475Kb / 2P
Hyper-Miniature Lever Switches
More results

Similar Description - CF-LD

ManufacturerPart #DatasheetDescription
logo
C&K Components
7201J1A3QE2 CK-COMPONENTS-7201J1A3QE2 Datasheet
1Mb / 22P
Miniature Rocker & Lever Handle Switches
7103J2ZBE2 CK-COMPONENTS-7103J2ZBE2 Datasheet
1Mb / 22P
Miniature Rocker Lever Handle Switches
U411J37ZGE22 CK-COMPONENTS-U411J37ZGE22 Datasheet
1Mb / 22P
Miniature Rocker Lever Handle Switches
logo
Copal Electronics
ASE-SERIES COPAL-ASE-SERIES Datasheet
949Kb / 4P
Hyper-miniature Slide Switches
CF-LD-SERIES COPAL-CF-LD-SERIES Datasheet
475Kb / 2P
Hyper-Miniature Lever Switches
ASE COPAL-ASE Datasheet
949Kb / 4P
Hyper-miniature Slide Switches
DRS COPAL-DRS Datasheet
802Kb / 4P
Hyper-Miniature Dip Rotary Switches
FL_SERIES COPAL-FL_SERIES Datasheet
340Kb / 2P
Hyper-miniature Lever & Rocker Switches
MHS COPAL-MHS Datasheet
839Kb / 6P
Hyper-miniature Slide Switches
SMR COPAL-SMR Datasheet
1Mb / 4P
Hyper-Miniature Dip Rotary Switches
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com