Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

IW1691 Datasheet(PDF) 21 Page - Dialog Semiconductor

Part # IW1691
Description  Digital PWM Current-Mode Controller for Quasi-Resonant Operation
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

IW1691 Datasheet(HTML) 21 Page - Dialog Semiconductor

Back Button IW1691 Datasheet HTML 16Page - Dialog Semiconductor IW1691 Datasheet HTML 17Page - Dialog Semiconductor IW1691 Datasheet HTML 18Page - Dialog Semiconductor IW1691 Datasheet HTML 19Page - Dialog Semiconductor IW1691 Datasheet HTML 20Page - Dialog Semiconductor IW1691 Datasheet HTML 21Page - Dialog Semiconductor IW1691 Datasheet HTML 22Page - Dialog Semiconductor IW1691 Datasheet HTML 23Page - Dialog Semiconductor IW1691 Datasheet HTML 24Page - Dialog Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
iW1691
Digital PWM Current-Mode Controller for Quasi-Resonant Operation
Rev. 2.0
iW1691
Page 21
FebRuaRy 3, 2012
13.0 Application Circuit
12.0 Design Example Performance Characteristics (cont.)
Figure 12.7 : T
ON Compensation Chart RDS(ON) = 55 - 250 Ω
Figure 13.1 : Typical Application Circuit
L
N
VOUT
RTN
+
+
+
U1
iW1691
+
Csnub
Rsnub
Rvin
Rvin
Cdly (opt)
Rdly (opt)
Risense
Cvcc
NC
VSENSE
VIN
SD
VCC
OUTPUT
ISENSE
GND
1
2
3
8
7
6
4
5
Rtvsns
Rbvsns
Cbulk
Cbulk
+
Cout
Cout (opt)
Rsd(ext)
Rpreload
Lout (opt)
2.2 kΩ
10.0 kΩ
2.7 MΩ
2.4 MΩ
10 µF
402 Ω
33 pF
3.0 Ω
20 kΩ
10 µF
10 µF
470 pF
470 µF
100 µF
2.2 kΩ
330 Ω
220 kΩ
10 Ω
330 Ω
10 kΩ
470 µH
10 Ω / 1W
4 µH
470 pF
22 pF
Rgate (opt)
180
150
120
90
60
30
0
Magnetizing Inductance LM (mH)
0
0.75
1.50
2.25
3.0
50 mA
40 mA
30 mA
20 mA
10 mA
∆IOUT (Note1)
Note 1: ΔI
OUT refers to the difference in constant current limit between 264 Vac and 90 Vac when no RDLY and CDLY are applied.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com