Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

NCN5130 Datasheet(PDF) 5 Page - ON Semiconductor

Part # NCN5130
Description  Transceiver for KNX Twisted Pair Networks
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCN5130 Datasheet(HTML) 5 Page - ON Semiconductor

  NCN5130_16 Datasheet HTML 1Page - ON Semiconductor NCN5130_16 Datasheet HTML 2Page - ON Semiconductor NCN5130_16 Datasheet HTML 3Page - ON Semiconductor NCN5130_16 Datasheet HTML 4Page - ON Semiconductor NCN5130_16 Datasheet HTML 5Page - ON Semiconductor NCN5130_16 Datasheet HTML 6Page - ON Semiconductor NCN5130_16 Datasheet HTML 7Page - ON Semiconductor NCN5130_16 Datasheet HTML 8Page - ON Semiconductor NCN5130_16 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 58 page
background image
NCN5130
www.onsemi.com
5
ELECTRICAL SPECIFICATION
Table 2. ABSOLUTE MAXIMUM RATINGS (Notes 1 and 2)
Symbol
Parameter
Min
Max
Unit
VTXO
KNX Transmitter Output Voltage
−0.3
+45
V
ITXO
KNX Transmitter Output Current (Note 3)
250
mA
VCCP
Voltage on CCP−pin
−10.5
+14.5
V
VCAV
Voltage on CAV−pin
−0.3
+3.6
V
VBUS1
Voltage on VBUS1−pin
−0.3
+45
V
VANAOUT
Voltage on ANAOUT pin
−0.3
+3.6
V
IBUS1
Current Consumption VBUS1−pin
0
120
mA
VCEQ
Voltage on pins CEQ1 and CEQ2
−0.3
+45
V
VFILT
Voltage on VFILT−pin
−0.3
+45
V
V20V
Voltage on V20V−pin
−0.3
+25
V
VDD2MV
Voltage on VDD2MV−pin
−0.3
+3.6
V
VDD2MC
Voltage on VDD2MC−pin
−0.3
+45
V
VDD2
Voltage on VDD2−pin
−0.3
+45
V
VSW
Voltage on VSW1− and VSW2−pin
−0.3
+45
V
VIN
Voltage on VIN−pin
−0.3
+45
V
VDD1
Voltage on VDD1−pin
−0.3
+3.6
V
VDD1M
Voltage on VDD1M−pin
−0.3
+3.6
V
VDIG
Voltage on pins MODE1, MODE2, TREQ, CSB/UC1, SDI/TXD, SDO/RXD, SCK/
UC2, XCLK, XSEL, SAVEB, RESETB, XCLKC, TRIG, and FANIN
−0.3
+3.6
V
VDD
Voltage on VDDD− and VDDA−pin
−0.3
+3.6
V
VXTAL
Voltage on XTAL1− and XTAL2−pin
−0.3
+3.6
V
TST
Storage temperature
−55
+150
°C
TJ
Junction Temperature (Note 4)
−40
+155
°C
VHBM
Human Body Model electronic discharge immunity (Note 5)
−2
+2
kV
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
1. Convention: currents flowing in the circuit are defined as positive.
2. VBUS2, VSS1, VSS2, VSSA and VSSD form the common ground. They are hard connected to the PCB ground layer.
3. Room temperature, 27
W shunt resistor for transmitter, 250 mA over temperature range.
4. Normal performance within the limitations is guaranteed up to the Thermal Warning level. Between Thermal Warning and Thermal Shutdown
temporary loss of function or degradation of performance (which ceases after the disturbance ceases) is possible.
5. According to JEDEC JESD22−A114.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com