Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SPM3012T-R47M-LR Datasheet(PDF) 8 Page - TDK Electronics

Part # SPM3012T-R47M-LR
Description  Inductors for Power Circuits
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

SPM3012T-R47M-LR Datasheet(HTML) 8 Page - TDK Electronics

  SPM3012T-R47M-LR Datasheet HTML 1Page - TDK Electronics SPM3012T-R47M-LR Datasheet HTML 2Page - TDK Electronics SPM3012T-R47M-LR Datasheet HTML 3Page - TDK Electronics SPM3012T-R47M-LR Datasheet HTML 4Page - TDK Electronics SPM3012T-R47M-LR Datasheet HTML 5Page - TDK Electronics SPM3012T-R47M-LR Datasheet HTML 6Page - TDK Electronics SPM3012T-R47M-LR Datasheet HTML 7Page - TDK Electronics SPM3012T-R47M-LR Datasheet HTML 8Page - TDK Electronics SPM3012T-R47M-LR Datasheet HTML 9Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
(8/9)
INDUC
T
O
RS
20160411 / inductor_commercial_power_spm3012-lr_en.fm
Please be sure to request delivery specifications that provide further details on the features and specifications of the products for proper and safe use.
Please note that the contents may change without any prior notice due to reasons such as upgrading.
SPM3012-LR Type
ELECTRICAL CHARACTERISTICS
INDUCTANCE VS. DC BIAS CHARACTERISTICS GRAPH
○ Measurement equipment
* Equivalent measurement equipment may be used.
0
1
2
4
3
5
012345678
DC current (A)
4R7
3R3
2R2
1R5
1R0
R47
Product No.
Manufacturer
4284A+42841A+42842C
Keysight Technologies



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com