Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MIC2551ABTS Datasheet(PDF) 8 Page - Micrel Semiconductor

Part # MIC2551ABTS
Description  USB TRANSCEIVER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2551ABTS Datasheet(HTML) 8 Page - Micrel Semiconductor

Back Button MIC2551ABTS Datasheet HTML 3Page - Micrel Semiconductor MIC2551ABTS Datasheet HTML 4Page - Micrel Semiconductor MIC2551ABTS Datasheet HTML 5Page - Micrel Semiconductor MIC2551ABTS Datasheet HTML 6Page - Micrel Semiconductor MIC2551ABTS Datasheet HTML 7Page - Micrel Semiconductor MIC2551ABTS Datasheet HTML 8Page - Micrel Semiconductor MIC2551ABTS Datasheet HTML 9Page - Micrel Semiconductor MIC2551ABTS Datasheet HTML 10Page - Micrel Semiconductor MIC2551ABTS Datasheet HTML 11Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
MIC2551A
Micrel
M9999-051004
8
May 2004
Power Supply Configuration
The MIC2551A can be set up for different power supply
configurations which modify the behavior of the device. Both
V
BUS and VIF have special thresholds that detect when they
are either removed or grounded. Table 3 depicts the behavior
under the different power supply configuration scenarios that
are explained below.
Normal Mode
V
BUS is connected to the 5.0V USB bus voltage and VIF is
connected to a supply voltage in the range of 1.6V to 3.6V. In
this case V
TRM supplies a 3.3V voltage for powering the
speed select resistor via V
PU depending on the state of CON
pin.
Disconnect Mode
V
IF is connected to a supply in a range of 1.6V to 3.6V and
V
BUS is open or grounded. If VBUS is opened while transmit-
ting, the data lines (D+, D–) have sharing capability and may
be driven with external devices up to approximately 3.6V if
and only if SUSPEND is enabled (SUS = 1). With V
BUS
ground, D+, D– sharing mode is not permitted.
Disable Mode
V
BUS is connected to the 5.0V USB bus voltage and VIF is
open. All logic controlled inputs become high impedances,
thus minimal current will be supplied by V
IF if the input pins are
pulled up to an external source.
Alternate Power Supply Configuration Options
I/O Interface Using 3.3V
In systems where the I/O interface utilizes a 3.3V USB
controller, an alternate solution is shown in Figure 7. No extra
components are required; however, the load on V
TRM must
not exceed 10mA.
MIC2551A
VIF
VBUS
I/O
VBUS
VP/VM/
RCV/OE#
VTRM
USB
Controller
VDD
3.3V
Figure 7. I/O Interface Using 3.3V
Bypass Input
V
BUS and VTRM are tied together to a supply voltage in the
range of 3.0V to 3.6V. The internal regulator is bypassed and
the internal circuitry is run from the V
TRM input. See Figure 8.
MIC2551A
VIF
3.3V
VBUS
VTRM
Figure 8. Powering MIC2551A
from External 3.3V
Signal Amplitude Respective to V
IF
When operating the MIC2551A, it is necessary to provide
input signals which do not exceed V
IF + 0.3V.
Suspend
When the suspend pin (SUS) is high, power consumption is
reduced to a minimum. V
TRM is not disabled. RCV, VP and VM
are still functional to enable the device to detect USB activity.
For minimal current consumption in suspend mode, it is
recommended that OE# = 1, and SPD = 0.
Speed
The speed pin (SPD) sets D+/D– output edge rates by increas-
ing or decreasing biasing current sources within the output
drivers. For low speed, SPD = 0. For full speed, SPD = 1. By
setting SPD = 0 during idle periods, in conjunction with suspend
(SUS), the lowest quiescent current can be obtained. However,
designers must provide a 300ns delay between changing SPD
from 0 to 1 and transmission of data at full speed. This delay
ensures the output drivers have arrived at their proper operating
conditions. Failure to do so can result in leading edge distortion
on the first few data bits transmitted.
External ESD Protection
The use of ESD transient protection devices is not required
for operation, but is recommended. We recommend the
following devices or the equivalent:
Cooper Electronic Technologies (www.cooperet.com)
41206ESDA SurgX
0805ESDA SurgX
Littelfuse (www.littelfuse.com)
V0402MHS05
SP0503BAHT
Non-Multiplexed Bus
In order to save pin count for the USB logic controller
interface, the MIC2551A was designed with V
P and VM as bi-
directional pins. To interface the MIC2551A with a non-
multiplexed data bus, resistors can be used for low cost
isolation as shown in Figure 9.
VPO
VP
VM
VMO
USB Logic
Controller
(SIE)
MIC2551A
VP
VM
10k
10k
Figure 9. MIC2551A Interface to
Non-Multiplexed Data Bus



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com